Electronic Components Datasheet Search
  English  ▼

X  

TLV986 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV986
Description  3-V, 10-BIT, 12.5 MSPS, AREA CCD SENSOR PROCESSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV986 Datasheet(HTML) 1 Page - Texas Instruments

  TLV986 Datasheet HTML 1Page - Texas Instruments TLV986 Datasheet HTML 2Page - Texas Instruments TLV986 Datasheet HTML 3Page - Texas Instruments TLV986 Datasheet HTML 4Page - Texas Instruments TLV986 Datasheet HTML 5Page - Texas Instruments TLV986 Datasheet HTML 6Page - Texas Instruments TLV986 Datasheet HTML 7Page - Texas Instruments TLV986 Datasheet HTML 8Page - Texas Instruments TLV986 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TLV986
3-V, 10-BIT, 12.5 MSPS, AREA CCD SENSOR PROCESSOR
SLAS228 – JULY 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 10-bit, 12.5 MSPS, A/D Converter
D Single 3 V Supply Operation
D Low Power: 140 mW Typical at 3-V, 2 mW
Power-Down Mode
D Full Channel Differential Nonlinearity Error:
<
±0.5 LSB Typical
D Full Channel Integral Nonlinearity Error:
<
±1 LSB Typical
D Programmable Gain Amplifier (PGA) With
0 dB to 36 dB Gain Range (0.1 dB/Step)
D Automatic or Programmable Black Level
and Offset Calibration
D Additional DACs for External Analog
Setting
D Serial Interface for Register Configuration
D Internal Reference Voltages
D 48-pin TQFP Package
applications
D PC Camera
D Digital Still Camera
D Digital Video Camera
description
The TLV986 is a highly integrated monolithic analog signal processor/digitizer designed to interface the area
charge-coupled device (CCD) sensors in digital camera applications. The TLV986 performs all the analog
processing functions necessary to maximize the dynamic range, corrects various errors associated with the
CCD sensor, and then digitizes the results with an on-chip high-speed analog-to-digital converter (ADC). The
key components of the TLV986 include: input clamp circuitry and a correlated double sampler (CDS), a
programmable gain amplifier (PGA) with 0 to 36 dB gain range, two internal digital-to-analog converters (DAC)
for automatic or programmable optical black level and offset calibration, a 10-bit, 12.5 MSPS pipeline ADC, a
parallel data port for easy microprocessor interface, a serial port for configuring internal control registers, two
additional DACs for external system control, and internal reference voltages.
Designed in advanced CMOS process, the TLV986 operates from a single 3-V power supply with a normal
power consumption of 140 mW and a 2 mW power-down mode.
Single 3-V operation, low power consumption, and fully integrated analog processing circuitry make the TLV986
an ideal CCD sensor interfacing solution for the digital camera applications.
The part is available in a 48-pin TQFP package and is specified over 0
_C to 70_C operating temperature range.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
14 15
BLKG
TPP
TPM
AVDD4
AGND4
OBCLP
STBY
RESET
CS
SDIN
SCLK
ADCCLK
36
35
34
33
32
31
30
29
28
27
26
25
16
1
2
3
4
5
6
7
8
9
10
11
12
DIN
PIN
AVDD2
AGND2
DGND
DVDD
D0
D1
D2
D3
D4
D5
17 18 19 20
47 46 45 44 43
48
42
40 39 38
41
21 22 23 24
37
13
PFB PACKAGE
(TOP VIEW)
TLV986CPFB


Similar Part No. - TLV986

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV987 TI-TLV987 Datasheet
262Kb / 20P
3-V 10-BIT 27 MSPS AREA CCD SENSOR SIGNAL PROCESSOR
TLV987PFB TI-TLV987PFB Datasheet
262Kb / 20P
3-V 10-BIT 27 MSPS AREA CCD SENSOR SIGNAL PROCESSOR
More results

Similar Description - TLV986

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAFE1040 TI-TAFE1040 Datasheet
53Kb / 4P
3 V, 10-BIT 42 MSPS, AREA CCD ANALOG FRONT-END
TLV987 TI-TLV987 Datasheet
262Kb / 20P
3-V 10-BIT 27 MSPS AREA CCD SENSOR SIGNAL PROCESSOR
TLV990 TI-TLV990 Datasheet
281Kb / 22P
3-V, 10-BIT, 28-MSPS AREA CCD AND VIDEO SIGNAL PROCESSOR
TLV990-21 TI-TLV990-21 Datasheet
311Kb / 22P
3-V,10-BIT,21-MSPS AREA CCD ANALOG FRONT END
TLV990-13 TI-TLV990-13 Datasheet
289Kb / 22P
3-V, 10-BIT, 13-MSPS AREA CCD ANALOG FRONT END
TLV990-40 TI-TLV990-40 Datasheet
339Kb / 24P
3-V, 10-BIT, 40-MSPS AREA CCD ANALOG FRONT-END
TLV990-28 TI-TLV990-28 Datasheet
322Kb / 22P
3-V, 10-BIT, 28-MSPS AREA CCD ANALOG FRONT END
TLC976C TI-TLC976C Datasheet
220Kb / 17P
10-BIT, 20 MSPS, AREA CCD SIGNAL PROCESSOR
TLV990B TI-TLV990B Datasheet
291Kb / 22P
3-V, 10-BIT, 28-MSPS AREA CCD AND VIDEO SIGNAL PROCESSOR
TLV990-13 TI1-TLV990-13_16 Datasheet
300Kb / 24P
3-V, 10-BIT, 13-MSPS AREA CCD ANALOG FRONT END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com