Electronic Components Datasheet Search
  English  ▼

X  

TMS320C32PCM Datasheet(PDF) 11 Page - Texas Instruments

Part # TMS320C32PCM
Description  DIGITAL SIGNAL PROCESSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C32PCM Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS320C32PCM Datasheet HTML 7Page - Texas Instruments TMS320C32PCM Datasheet HTML 8Page - Texas Instruments TMS320C32PCM Datasheet HTML 9Page - Texas Instruments TMS320C32PCM Datasheet HTML 10Page - Texas Instruments TMS320C32PCM Datasheet HTML 11Page - Texas Instruments TMS320C32PCM Datasheet HTML 12Page - Texas Instruments TMS320C32PCM Datasheet HTML 13Page - Texas Instruments TMS320C32PCM Datasheet HTML 14Page - Texas Instruments TMS320C32PCM Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
TMS320C32
DIGITAL SIGNAL PROCESSOR
SPRS027C – JANUARY 1995 – REVISED DECEMBER 1996
11
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
external memory interface (continued)
examples
Figure 5 and Figure 6 show examples of external memory configurations that can be implemented using the
TMS320C32 external memory interface. The first example has a 32-bit-wide external memory with 8- and 16-bit
data areas and a 32-bit program area.
32-Bit-Wide Memory
8-Bit Data
8-Bit Data
8-Bit Data
16-Bit Data
16-Bit Data
8-Bit Data
32-Bit Program
320C32
32-Bit-Wide Data Bus
8
32
8
8
8
Figure 5. 32-Bit-Wide External Memory Configured With 8- and 16-Bit Data Areas and 32-Bit Program
Memory
Figure 6 shows a configuration that can be implemented with 16-bit external memory. The 32-bit data and
program words can be stored and retrieved as half-words.
16-Bit-Wide Memory
8-Bit Data
16-Bit Data
8-Bit Data
32-Bit Program
320C32
16
16-Bit-Wide Data Bus
8
8
Figure 6. 16-Bit-Wide External Memory Configured With 8- and 16-Bit Data Areas and a 32-Bit Program
Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com