Electronic Components Datasheet Search
  English  ▼

X  

TMS320C32PCM Datasheet(PDF) 20 Page - Texas Instruments

Part # TMS320C32PCM
Description  DIGITAL SIGNAL PROCESSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C32PCM Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMS320C32PCM Datasheet HTML 16Page - Texas Instruments TMS320C32PCM Datasheet HTML 17Page - Texas Instruments TMS320C32PCM Datasheet HTML 18Page - Texas Instruments TMS320C32PCM Datasheet HTML 19Page - Texas Instruments TMS320C32PCM Datasheet HTML 20Page - Texas Instruments TMS320C32PCM Datasheet HTML 21Page - Texas Instruments TMS320C32PCM Datasheet HTML 22Page - Texas Instruments TMS320C32PCM Datasheet HTML 23Page - Texas Instruments TMS320C32PCM Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
TMS320C32
DIGITAL SIGNAL PROCESSOR
SPRS027C – JANUARY 1995 – REVISED DECEMBER 1996
20
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
PARAMETER MEASUREMENT INFORMATION (CONTINUED)
timing parameter symbology
Timing parameter symbols used in this document are in accordance with JEDEC Standard 100-A. Unless
otherwise noted, in order to shorten the symbols, pin names and other related terminology have been
abbreviated as follows:
A
A23 – A0 when the physical-memory-width-bit field of the STRBx control register is set to 32 bits
A23 – A0 and STRBx_B3/A–1 when the physical-memory-width-bit field of the STRBx control register is
set to 16 bits
A23 – A0, STRBx_B3/A–1, and STRBx_B2/A–2 when the physical-memory-width-bit field of the STRBx
control register is set to 8 bits
CI
CLKIN
RDY RDY
D
D(31 – 0)
H
H1, H3
IOS
IOSTRB
Ptc(H)
Qtc(CI)
RW
R / W
S
STRBx_B(3– 0) when the physical-memory-width-bit field of the STRBx control register is set to 32 bits
STRBx_B(1– 0) when the physical-memory-width-bit field of the STRBx control register is set to 16 bits
STRBx_B0 when the physical-memory-width-bit field of the STRBx control register is set to 8 bits
XF
XF0 or XF1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com