Electronic Components Datasheet Search
  English  ▼

X  

TMS320C32PCM Datasheet(PDF) 31 Page - Texas Instruments

Part # TMS320C32PCM
Description  DIGITAL SIGNAL PROCESSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C32PCM Datasheet(HTML) 31 Page - Texas Instruments

Back Button TMS320C32PCM Datasheet HTML 27Page - Texas Instruments TMS320C32PCM Datasheet HTML 28Page - Texas Instruments TMS320C32PCM Datasheet HTML 29Page - Texas Instruments TMS320C32PCM Datasheet HTML 30Page - Texas Instruments TMS320C32PCM Datasheet HTML 31Page - Texas Instruments TMS320C32PCM Datasheet HTML 32Page - Texas Instruments TMS320C32PCM Datasheet HTML 33Page - Texas Instruments TMS320C32PCM Datasheet HTML 34Page - Texas Instruments TMS320C32PCM Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
TMS320C32
DIGITAL SIGNAL PROCESSOR
SPRS027C – JANUARY 1995 – REVISED DECEMBER 1996
31
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
timing for RESET [Q = tc(CI)] (see Figure 26)
NO
’C32 - 40
’C32 - 50
’C32 - 60
UNIT
NO.
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
50
tsu(RESET)
Setup time, RESET before CLKIN low
10
Q†
10
Q†
7
Q†
ns
51
td(CLKINH-H1H)
Delay time, CLKIN high to H1 high
2
12
2
10
2
10
ns
52
td(CLKINH-H1L)
Delay time, CLKIN high to H1 low
2
12
2
10
2
10
ns
53
tsu(RESETH-H1L)
Setup time, RESET high before H1 low and
after ten H1 clock cycles
9
7
6
ns
54
td(CLKINH-H3L)
Delay time, CLKIN high to H3 low
2
12
2
10
2
10
ns
55
td(CLKINH-H3H)
Delay time, CLKIN high to H3 high
2
12
2
10
2
10
ns
56
tdis(H1H-D)
Disable time, H1 low to D in the
high-impedance state
13‡
12‡
11‡
ns
57
tdis(H3HL-A)
Disable time, H3 low to A in the
high-impedance state
9‡
8‡
7‡
ns
58.1
td(H3H-CONTROLH)
Delay time, H3 high to control signals high
9‡
8‡
7‡
ns
58.2
td(H1H-RWH)
Delay time, H1 low to R / W high
9‡
8‡
7‡
ns
59
td(H1H-IACKH)
Delay time, H1 high to IACK high
9‡
8‡
7‡
ns
60
tdis(RESETL-ASYNCH)
Disable time, RESET low to asynchronous
reset signals in the high-impedance state
21‡
17‡
14‡
ns
† Assured by design but not tested
‡ Assured from characterization but not tested



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com