Electronic Components Datasheet Search
  English  ▼

X  

TMS320C40 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C40
Description  DIGITAL SIGNAL PROCESSOR
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C40 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TMS320C40 Datasheet HTML 31Page - Texas Instruments TMS320C40 Datasheet HTML 32Page - Texas Instruments TMS320C40 Datasheet HTML 33Page - Texas Instruments TMS320C40 Datasheet HTML 34Page - Texas Instruments TMS320C40 Datasheet HTML 35Page - Texas Instruments TMS320C40 Datasheet HTML 36Page - Texas Instruments TMS320C40 Datasheet HTML 37Page - Texas Instruments TMS320C40 Datasheet HTML 38Page - Texas Instruments TMS320C40 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
TMS320C40
DIGITAL SIGNAL PROCESSOR
SPRS038 – JANUARY 1996
35
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
communication-port byte-cycle timing (write and read) (see Note 11 and Figure 23)
NO.
TMS320C40 - 40
TMS320C40 - 50
TMS320C40 - 60
UNIT
MIN
MAX
MIN
MAX
1
tsu(CD-CSL)W
Setup time, CxDx valid before CSTRBx low (write)
2
2
ns
2
td(CRDYL - CSH)W
Delay time, CRDYx low to CSTRBx high (write)
0†
12
0†
12
ns
3
th(CRDYL - CD)W
Hold time, CxDx after CRDYx low (write)
2
2
ns
4
td(CRDYH - CSL)W
Delay time, CRDYx high to CSTRBx low for subsequent bytes
(write)
0†
12
0†
12
ns
5
tc(BYTE)‡
Cycle time, byte transfer
44§
44§
ns
6
td(CSL - CRDYL)R
Delay time, CSTRBx low to CRDYx low (read)
0†
10
0†
10
ns
7
tsu(CSH - CD)R
Setup time, CxDx valid after CSTRBx high (read)
0
0
ns
8
th(CRDYL - CD)R
Hold time, CxDx valid after CRDYx low (read)
2
2
ns
9
td(CSH - CRDYH)R
Delay time, CSTRBx high to CRDYx high (read)
0†
10
0†
10
ns
† This value is specified by design but not tested.
‡ tc(BYTE) max = summed maximum values of td(CRDY-CSH), td(CSL-CRDYL)R, td(CSH-CRDYH)R, and td(CRDYH-CSL)W. This assumes
two ’C4xs are connected.
§ This value is characterized but not tested.
NOTE 11: Communication port timing does not include line length delay.
CREQx
CACKx
CSTRBx
CxDx
CRDYx
(a) WRITE TIMING
(b) READ TIMING
Valid
Data
1
4
7
6
8
2
3
5
9
5
= When signal is an input (clear = when signal is an output).
Figure 23. Communication-Port Byte-Cycle Timing (Write and Read)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com