Electronic Components Datasheet Search
  English  ▼

X  

TMS320F243 Datasheet(PDF) 49 Page - Texas Instruments

Part # TMS320F243
Description  DSP CONTROLLERS
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F243 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMS320F243 Datasheet HTML 45Page - Texas Instruments TMS320F243 Datasheet HTML 46Page - Texas Instruments TMS320F243 Datasheet HTML 47Page - Texas Instruments TMS320F243 Datasheet HTML 48Page - Texas Instruments TMS320F243 Datasheet HTML 49Page - Texas Instruments TMS320F243 Datasheet HTML 50Page - Texas Instruments TMS320F243 Datasheet HTML 51Page - Texas Instruments TMS320F243 Datasheet HTML 52Page - Texas Instruments TMS320F243 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 116 page
background image
TMS320F243, TMS320F241
DSP CONTROLLERS
SPRS064B – DECEMBER 1997 – REVISED FEBRUARY 1999
49
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
PWM characteristics
Characteristics of the PWMs are as follows:
D 16-bit registers
D Programmable deadband for the PWM output pairs, from 0 to 24 ms
D Minimum deadband width of 50 ns
D Change of the PWM carrier frequency for PWM frequency wobbling as needed
D Change of the PWM pulse widths within and after each PWM period as needed
D External-maskable power and drive-protection interrupts
D Pulse-pattern-generator circuit, for programmable generation of asymmetric, symmetric, and four-space
vector PWM waveforms
D Minimized CPU overhead using auto-reload of the compare and period registers
capture unit
The capture unit provides a logging function for different events or transitions. The values of the GP timer 2
counter are captured and stored in the two-level FIFO stacks when selected transitions are detected on capture
input pins, CAPx for x = 1, 2, or 3. The capture unit of the TMS320x24x consists of three capture circuits.
D Capture units include the following features:
–
One 16-bit capture control register, CAPCON (R/W)
–
One 16-bit capture FIFO status register, CAPFIFO (8 MSBs are read-only, 8 LSBs are write-only)
–
Selection of GP timer 2 as the time base
–
Three 16-bit 2-level-deep FIFO stacks, one for each capture unit
–
Three Schmitt-triggered capture input pins CAP1, CAP2, and CAP3, one input pin per each capture
unit. [All inputs are synchronized with the device (CPU) clock. In order for a transition to be captured, the
input must hold at its current level to meet two rising edges of the device clock. The input pins CAP1 and
CAP2 can also be used as QEP inputs to the QEP circuit.]
–
User-specified transition (rising edge, falling edge, or both edges) detection
–
Three maskable interrupt flags, one for each capture unit
quadrature-encoder pulse (QEP) circuit
Two capture inputs (CAP1 and CAP2) can be used to interface the on-chip QEP circuit with a quadrature
encoder pulse. Full synchronization of these inputs is performed on-chip. Direction or leading-quadrature pulse
sequence is detected, and GP timer 2 is incremented or decremented by the rising and falling edges of the two
input signals (four times the frequency of either input pulse).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com