Electronic Components Datasheet Search
  English  ▼

X  

TMS320F243 Datasheet(PDF) 16 Page - Texas Instruments

Part # TMS320F243
Description  DSP CONTROLLERS
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F243 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMS320F243 Datasheet HTML 12Page - Texas Instruments TMS320F243 Datasheet HTML 13Page - Texas Instruments TMS320F243 Datasheet HTML 14Page - Texas Instruments TMS320F243 Datasheet HTML 15Page - Texas Instruments TMS320F243 Datasheet HTML 16Page - Texas Instruments TMS320F243 Datasheet HTML 17Page - Texas Instruments TMS320F243 Datasheet HTML 18Page - Texas Instruments TMS320F243 Datasheet HTML 19Page - Texas Instruments TMS320F243 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 116 page
background image
TMS320F243, TMS320F241
DSP CONTROLLERS
SPRS064B – DECEMBER 1997 – REVISED FEBRUARY 1999
16
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Terminal Functions - ’F241 PG and FN Packages (Continued)
NAME
64
QFP
68
PLCC
TYPE†
RESET
STATE‡
DESCRIPTION
NO.
NO.
STATE‡
CLOCK SIGNALS (CONTINUED)
CLKOUT/IOPD0
5
12
I/O
O
Clock output. This pin outputs either the CPU clock (CLKOUT) or the
watchdog clock (WDCLK). The selection is made by the CLKSRC bit (bit 14)
of the System Status and Control Register (SSCR). This pin can be used as
a GPIO if not used as a clock output pin.
TEST SIGNALS
TCK
28
36
I
I
JTAG test clock with internal pullup
TDI
29
37
I
I
JTAG test data input (TDI) with internal pullup. TDI is clocked into the selected
register (instruction or data) on a rising edge of TCK.
TDO
30
38
O
I
JTAG scan out, test data output (TDO). The contents of the selected register
(instruction or data) is shifted out of TDO on the falling edge of TCK.
TMS
31
39
I
I
JTAG test-mode select (TMS) with internal pullup. This serial control input is
clocked into the TAP controller on the rising edge of TCK.
TRST
32
40
I
I
JTAG test reset with internal pulldown. TRST, when driven high, gives the
scan system control of the operations of the device. If this signal is not
connected or driven low, the device operates in its functional mode, and the
test reset signals are ignored.
EMU0
37
48
I/O
I
Emulator I/O pin 0 with internal pullup. When TRST is driven high, this pin is
used as an interrupt to or from the emulator system and is defined as
input/output through the JTAG scan.
EMU1
38
49
I/O
I
Emulator I/O pin 1 with internal pullup. When TRST is driven high, this pin is
used as an interrupt to or from the emulator system and is defined as
input/output through JTAG scan.
SUPPLY SIGNALS
VDD
9
16
–
–
Digital logic supply voltage (5 V)
VDD
41
52
–
–
Digital logic supply voltage (5 V)
–
42
–
–
VDDO
1
8
–
–
Digital logic and buffer supply voltage (5 V)
VDDO
34
45
–
–
Digital logic and buffer supply voltage (5 V)
51
62
–
–
–
41
–
–
VSS
10
17
–
–
Digital logic ground reference
40
51
–
–
–
43
–
–
2
9
–
–
VSSO
26
34
–
–
Digital logic and buffer ground reference
33
44
–
–
50
61
–
–
NO CONNECT
NC
–
27
No internal connection made to this pin
DNC
25
33
–
–
Do not connect. Reserved for test.
† I = input, O = output, Z = high impedance
‡ The reset state indicates the state of the pin at reset. If the pin is an input, indicated by an I, its state is determined by user design. If the pin is
an output, its level at reset is indicated.
§ In silicon revisions 2.0-TMX and 2.1-TMS, this pin is level-sensitive and can cause multiple interrupts when held low.
NOTE:
Bold, italicized pin names indicate pin function after reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com