Electronic Components Datasheet Search
  English  ▼

X  

TMS320LC549 Datasheet(PDF) 14 Page - Texas Instruments

Part # TMS320LC549
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320LC549 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMS320LC549 Datasheet HTML 10Page - Texas Instruments TMS320LC549 Datasheet HTML 11Page - Texas Instruments TMS320LC549 Datasheet HTML 12Page - Texas Instruments TMS320LC549 Datasheet HTML 13Page - Texas Instruments TMS320LC549 Datasheet HTML 14Page - Texas Instruments TMS320LC549 Datasheet HTML 15Page - Texas Instruments TMS320LC549 Datasheet HTML 16Page - Texas Instruments TMS320LC549 Datasheet HTML 17Page - Texas Instruments TMS320LC549 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 61 page
background image
TMS320LC549
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SPRS077B – SEPTEMBER 1998 – REVISED FEBRUARY 2000
14
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
internal oscillator with external crystal
The internal oscillator is enabled by selecting the appropriate clock mode at reset (this is device-dependent –
see PLL section) and connecting a crystal or ceramic resonator across X1 and X2/CLKIN. The CPU clock
frequency is one-half the crystal’s oscillation frequency following reset. After reset, the clock mode of the devices
with the software PLL can also be changed to divide-by-four. Since the internal oscillator can be used as a clock
source to the PLL, the crystal oscillation frequency can be multiplied to generate the CPU clock if desired.
The crystal should be in fundamental mode operation and parallel resonant with an effective series resistance
of 30ohms and power dissipation of 1 mW. The connection of the required circuit, consisting of the crystal and
two load capacitors, is shown in Figure 2. The load capacitors, C1 and C2, should be chosen such that the
equation below is satisfied. CL in the equation is the load specified for the crystal.
C
L
+
C
1C2
(
C
1
) C
2)
recommended operating conditions (see Figure 2)
’549-66
’549-80
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
fx
Input clock frequency
10†
20‡
10†
20‡
MHz
† This device utilizes a fully static design and therefore can operate with tc(CI) approaching ∞. The device is characterized at frequencies
approaching 0 Hz.
‡ It is recommended that the PLL clocking option be used for maximum frequency operation.
X1
X2/CLKIN
C1
C2
Crystal
Figure 2. Internal Divide-by-Two Clock Option With External Crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com