Electronic Components Datasheet Search
  English  ▼

X  

TMS320LC549 Datasheet(PDF) 20 Page - Texas Instruments

Part # TMS320LC549
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320LC549 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMS320LC549 Datasheet HTML 16Page - Texas Instruments TMS320LC549 Datasheet HTML 17Page - Texas Instruments TMS320LC549 Datasheet HTML 18Page - Texas Instruments TMS320LC549 Datasheet HTML 19Page - Texas Instruments TMS320LC549 Datasheet HTML 20Page - Texas Instruments TMS320LC549 Datasheet HTML 21Page - Texas Instruments TMS320LC549 Datasheet HTML 22Page - Texas Instruments TMS320LC549 Datasheet HTML 23Page - Texas Instruments TMS320LC549 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 61 page
background image
TMS320LC549
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SPRS077B – SEPTEMBER 1998 – REVISED FEBRUARY 2000
20
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
memory and parallel I/O interface timing (continued)
timing requirements for a memory read (MSTRB = 0) [H = 0.5 tc(CO)]†‡ (see Figure 5)
’549-66
’549-80
UNIT
MIN
MAX
MIN
MAX
UNIT
ta(A)M
Access time, read data access from address valid
2H–10
2H–10
ns
ta(MSTRBL)
Access time, read data access from MSTRB low
2H–10
2H–10
ns
tsu(D)R
Setup time, read data before CLKOUT low
5
5
ns
th(D)R
Hold time, read data after CLKOUT low
0
0
ns
th(A-D)R
Hold time, read data after address invalid
0
0
ns
th(D)MSTRBH Hold time, read data after MSTRB high
0
0
ns
† Address, PS, and DS timings are all included in timings referenced as address.
‡ See Table 1, Table 2, and Table 3 for address bus timing variation with load capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com