Electronic Components Datasheet Search
  English  ▼

X  

TMS320LC549 Datasheet(PDF) 16 Page - Texas Instruments

Part # TMS320LC549
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320LC549 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMS320LC549 Datasheet HTML 12Page - Texas Instruments TMS320LC549 Datasheet HTML 13Page - Texas Instruments TMS320LC549 Datasheet HTML 14Page - Texas Instruments TMS320LC549 Datasheet HTML 15Page - Texas Instruments TMS320LC549 Datasheet HTML 16Page - Texas Instruments TMS320LC549 Datasheet HTML 17Page - Texas Instruments TMS320LC549 Datasheet HTML 18Page - Texas Instruments TMS320LC549 Datasheet HTML 19Page - Texas Instruments TMS320LC549 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 61 page
background image
TMS320LC549
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SPRS077B – SEPTEMBER 1998 – REVISED FEBRUARY 2000
16
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
divide-by-two/divide-by-four clock option – PLL disabled (continued)
timing requirements (see Figure 3)
’549-66
’549-80
UNIT
MIN
MAX
MIN
MAX
UNIT
tc(CI)
Cycle time, X2/CLKIN
20‡
†
20‡
†
ns
tf(CI)
Fall time, X2/CLKIN
8
8
ns
tr(CI)
Rise time, X2/CLKIN
8
8
ns
tw(CIL)
Pulse duration, X2/CLKIN low
5
†
5
†
ns
tw(CIH) Pulse duration, X2/CLKIN high
5
†
5
†
ns
† This device utilizes a fully static design and therefore can operate with tc(CI) approaching ∞. The device is characterized at frequencies
approaching 0 Hz.
‡ It is recommended that the PLL clocking option be used for maximum frequency operation.
tr(CO)
tf(CO)
CLKOUT
X2/CLKIN
tw(COL)
td(CIH-CO)
tf(CI)
tr(CI)
tc(CO)
tc(CI)
tw(COH)
tw(CIL)
tw(CIH)
Figure 3. External Divide-by-Two Clock Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com