Electronic Components Datasheet Search
  English  ▼

X  

TMS3637P Datasheet(PDF) 41 Page - Texas Instruments

Part # TMS3637P
Description  Remote Control Transmitter/Receiver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS3637P Datasheet(HTML) 41 Page - Texas Instruments

Back Button TMS3637P Datasheet HTML 37Page - Texas Instruments TMS3637P Datasheet HTML 38Page - Texas Instruments TMS3637P Datasheet HTML 39Page - Texas Instruments TMS3637P Datasheet HTML 40Page - Texas Instruments TMS3637P Datasheet HTML 41Page - Texas Instruments TMS3637P Datasheet HTML 42Page - Texas Instruments TMS3637P Datasheet HTML 43Page - Texas Instruments TMS3637P Datasheet HTML 44Page - Texas Instruments TMS3637P Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 53 page
background image
6–9
Table 6–5. Infrared Receiver Component Functions (Modulated Transmission Mode)
DEVICE
FUNCTION
U1
Demodulator TDA3048 (or equivalent)
U2
TMS3637 configured as a normal logic (1-code) Q-state inverting receiver
R1
Current-limiting resistor for U1
R2
Resistor on TIME that, in conjunction with C2, determines OUT pulse duration on U2.
R3
Resistor on OSCR that, in conjunction with C3, determines the internal oscillator frequency of U2.
R4
Power-supply current-limiting resistor
C1
Power-supply filter capacitor
C2
Capacitor on TIME that, in conjunction with R2, determines OUT pulse duration on U2.
C3
Capacitor on OSCC that, in conjunction with R3, determines the internal oscillator frequency of U2.
Q1
Infrared phototransistor for received code
D2
Diode that is used to prevent back-EMF in L2 from sourcing current to OUT.
L2
Coil of relay R1
RY1
Relay, 12 V, SPDT
R2
22 k
Ω
OSCR OSCC TIME
GND
C7
1 nF
VCC
IN
CEX
OUT
U2 (receiver)
R2
1 M
Ω
C2
470 nF
D2
VCC
C1
100
µF
+
47 nF
47 nF
10 k
Ω
10 k
Ω
47 nF
47 nF
L2
RY1
R4
10
Ω
R1
22
Ω
1.5 nF
10 nH
6.3 nF
22 nF
Q1
12 V
U1 (TDA3048)
87
6
5
12
3
4
Figure 6–6. Infrared Modulated Receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com