Electronic Components Datasheet Search
  English  ▼

X  

TMS3637P Datasheet(PDF) 49 Page - Texas Instruments

Part # TMS3637P
Description  Remote Control Transmitter/Receiver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS3637P Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMS3637P Datasheet HTML 45Page - Texas Instruments TMS3637P Datasheet HTML 46Page - Texas Instruments TMS3637P Datasheet HTML 47Page - Texas Instruments TMS3637P Datasheet HTML 48Page - Texas Instruments TMS3637P Datasheet HTML 49Page - Texas Instruments TMS3637P Datasheet HTML 50Page - Texas Instruments TMS3637P Datasheet HTML 51Page - Texas Instruments TMS3637P Datasheet HTML 52Page - Texas Instruments TMS3637P Datasheet HTML 53Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 49 / 53 page
background image
6–17
OSCR
OSCC
TIME
V
IN
CEX
OUT
CC
TMC3637
8
7
6
5
1
2
3
4
D C B A SER
IN
LD
CLK
74HC165
U13
INH
HG F E
QH
0.1
µF
2N2222
Ω
6.2 k
17 V
5 V
2N2222
Ω
9.1 k
Ω
8.2 k
Q2
Q1
D1
R10
C5
P7
P6
P5
P4
P3
P2
P1
P0
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
P > Q
P = Q
74HC682
U7
QD
QC
QB
QA
CLR
A
QD
QC
QB
QA
CLR
A
Ω
R21, 10 k
Ω
R20, 10 k
Ω
R19, 10 k
17
15
13
11
8
6
4
2
18
16
14
12
9
7
5
3
0
0
1
0
0
0
1
1
1
19
5 V
R8
DCB A SER
IN
LD
CLK
74HC165
U12
INH
HG F E
QH
VSS
CR1
IN414B
R9
R11
Ω
1 k
OSCC
U6 B
74HC393
U6 A
74HC393
1Q
2Q
J1 IN: Prog
J1 OUT: Read
JP1
35
2A
QH
QH
Ω
10 k
R16–R18
Ω
10 k
RN3
UP
DN
SW4
C
C
C
D
C
E
C
F
C
G
C
H
C
I Unused
†
† Notch in lower left corner of dip switches. Up is open = 1, down is closed = 0. All the chips are bypassed with 0.1-mF (C7 – C20) ceramic
capacitors.
Figure 6–9. Programming Station (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com