Electronic Components Datasheet Search
  English  ▼

X  

TMS3637P Datasheet(PDF) 24 Page - Texas Instruments

Part # TMS3637P
Description  Remote Control Transmitter/Receiver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS3637P Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMS3637P Datasheet HTML 20Page - Texas Instruments TMS3637P Datasheet HTML 21Page - Texas Instruments TMS3637P Datasheet HTML 22Page - Texas Instruments TMS3637P Datasheet HTML 23Page - Texas Instruments TMS3637P Datasheet HTML 24Page - Texas Instruments TMS3637P Datasheet HTML 25Page - Texas Instruments TMS3637P Datasheet HTML 26Page - Texas Instruments TMS3637P Datasheet HTML 27Page - Texas Instruments TMS3637P Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 53 page
background image
5–6
Table 5–2. Transmitter Modes
NO. OF
MODES
CONFIG.
OSCR
(PIN 1)
OSCC
(PIN 2)
TIME
(PIN 3)
OUT
(PIN 5)
CEX
(PIN 6)
IN
(PIN 7)
C1–C22
ABCDEFG
HI
CA–CI
ABCDEFG
HI†
1
Normal
Continuous
11100000X
1
Normal
Triggered
110DE0001
1
Normal
Periodic
110DE0000
1
Modulated
Triggered
C
100DE0001
1
Modulated
Continuous
External
Capacitor to
GND
(internal
10100000X
1
Modulated
Periodic
clock or
resistor to
GND
(internal
clock) and
output of the
it
l
Starts
transmitting
hl
Serial output
of currently
dd
N/C
N/C
Transmit
data from
100000000
3
Code Train
Normal
Triggered
GND
(internal
clock)
internal
clock
triangular
waveform
when low
stored data
memory
110DE0001
3
Code Train
Normal
Periodic
waveform
110DE0000
1
Code Train
Modulated
Triggered
100DE0001
3
Code Train
Modulated
Periodic
100DE0000
† X = don’t care and can be held high or low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com