Electronic Components Datasheet Search
  English  ▼

X  

TP3067B Datasheet(PDF) 5 Page - Texas Instruments

Part # TP3067B
Description  MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TP3067B Datasheet(HTML) 5 Page - Texas Instruments

  TP3067B Datasheet HTML 1Page - Texas Instruments TP3067B Datasheet HTML 2Page - Texas Instruments TP3067B Datasheet HTML 3Page - Texas Instruments TP3067B Datasheet HTML 4Page - Texas Instruments TP3067B Datasheet HTML 5Page - Texas Instruments TP3067B Datasheet HTML 6Page - Texas Instruments TP3067B Datasheet HTML 7Page - Texas Instruments TP3067B Datasheet HTML 8Page - Texas Instruments TP3067B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TP3064B, TP3067B, TP13064B, TP13067B
MONOLITHIC SERIAL INTERFACE
COMBINED PCM CODEC AND FILTER
SCTS031D – MAY 1990 –REVISED JULY 1996
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over power supply variations and recommended free-air temperature
range (unless otherwise noted)
supply current
PARAMETER
TEST CONDITIONS
TP306xB
TP1306xB
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
ICC
Supply current from VCC
Power down
No load
0.5
1
0.5
1.2
mA
ICC
Supply current from VCC
Active
No load
6
10
6
11
mA
IBB
Supply current from VBB
Power down
No load
0.5
1
0.5
1.2
mA
IBB
Supply current from VBB
Active
No load
6
10
6
11
mA
† All typical values are at VCC = 5 V, VBB = –5 V, and TA = 25°C.
electrical characteristics at VCC = 5 V ± 5%, VBB = –5 V ± 5%, GND at 0 V, TA = 25°C (unless otherwise
noted)
digital interface
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VOH
High-level output voltage
DX
IH = – 3.2 mA
2.4
V
VOL
Low level output voltage
DX
IL = 3.2 mA
0.4
V
VOL
Low-level output voltage
TSX
IL = 3.2 mA, Drain open
0.4
V
IIH
High-level input current
VI = VIH to VCC
±10
µA
IIL
Low-level input current
All digital inputs
VI = GND to VIL
±10
µA
IOZ
Output current in high-impedance state
DX
VO = GND to VCC
±10
µA
analog interface with transmit amplifier input
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
II
Input current
VFXI+ or VFXI–
VI = – 2.5 V to 2.5 V
±200
nA
ri
Input resistance
VFXI+ or VFXI–
VI = – 2.5 V to 2.5 V
10
M
Ω
ro
Output resistance
Closed loop,
Unit gain
1
3
Ω
Output dynamic range
GSX
RL ≥ 10 kΩ
±2.8
V
AV
Open-loop voltage amplification
VFXI+ to GSX
5000
BI
Unity-gain bandwidth
GSX
1
2
MHz
VIO
Input offset voltage
VFXI+ or VFXI–
±20
mV
CMRR
Common-mode rejection ratio
60
dB
kSVR
Supply-voltage rejection ratio
60
dB
† All typical values are at VCC = 5 V, VBB = –5 V, and TA = 25°C.
analog interface with receive filter
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Output resistance
VFRO
1
3
Ω
Load resistance
VFRO =
±2.5 V
600
Ω
Load capacitance
VFRO to GND
500
pF
Output dc offset voltage
VFRO to GND
±200
mV
† All typical values are at VCC = 5 V, VBB = –5 V, and TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com