Electronic Components Datasheet Search
  English  ▼

X  

TP3067B Datasheet(PDF) 6 Page - Texas Instruments

Part # TP3067B
Description  MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TP3067B Datasheet(HTML) 6 Page - Texas Instruments

Back Button TP3067B Datasheet HTML 2Page - Texas Instruments TP3067B Datasheet HTML 3Page - Texas Instruments TP3067B Datasheet HTML 4Page - Texas Instruments TP3067B Datasheet HTML 5Page - Texas Instruments TP3067B Datasheet HTML 6Page - Texas Instruments TP3067B Datasheet HTML 7Page - Texas Instruments TP3067B Datasheet HTML 8Page - Texas Instruments TP3067B Datasheet HTML 9Page - Texas Instruments TP3067B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
TP3064B, TP3067B, TP13064B, TP13067B
MONOLITHIC SERIAL INTERFACE
COMBINED PCM CODEC AND FILTER
SCTS031D – MAY 1990 –REVISED JULY 1996
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
analog interface with power amplifiers
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
II
Input current
VPI = – 1 V to 1 V
±100
nA
ri
Input resistance
VPI = – 1 V to 1 V
10
M
Ω
ro
Output resistance
VPO + or VPO –
Inverting unity gain
1
Ω
AV
Voltage amplification
VPO – or VPO +
VPO – = 1.77 Vrms,
RL = 600 Ω
–1
BI
Unity-gain bandwidth
VPO –
Open loop
400
kHz
VIO
Input offset voltage
±25
mV
kSVR
Supply voltage rejection ratio of VCC or VBB VPO connected to VPI
0 kHz to 4 kHz
60
dB
kSVR
Supply-voltage rejection ratio of VCC or VBB VPO – connected to VPI
4 kHz to 50 kHz
36
dB
RL
Load resistance
Connected from VPO+ to VPO –
600
Ω
CL
Load capacitance
100
pF
† All typical values are at VCC = 5 V, VBB = –5 V, and TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com