Electronic Components Datasheet Search
  English  ▼

X  

TPA302 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPA302
Description  300-mW STEREO AUDIO POWER AMPLIFIER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA302 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPA302 Datasheet HTML 7Page - Texas Instruments TPA302 Datasheet HTML 8Page - Texas Instruments TPA302 Datasheet HTML 9Page - Texas Instruments TPA302 Datasheet HTML 10Page - Texas Instruments TPA302 Datasheet HTML 11Page - Texas Instruments TPA302 Datasheet HTML 12Page - Texas Instruments TPA302 Datasheet HTML 13Page - Texas Instruments TPA302 Datasheet HTML 14Page - Texas Instruments TPA302 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
TPA302
300-mW STEREO AUDIO POWER AMPLIFIER
SLOS174B – JANUARY 1997 – REVISE MARCH 2000
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 27
VO1
VO2
100
10
1
1000
20
100
1 k
10 k 20 k
f – Frequency – Hz
OUTPUT NOISE VOLTAGE
vs
FREQUENCY
VCC = 5 V
Figure 28
100
10
1
1000
20
100
1 k
10 k 20 k
f – Frequency – Hz
OUTPUT NOISE VOLTAGE
vs
FREQUENCY
VCC = 3.3 V
Figure 29
0.5
0.25
0
–25
0
25
50
75
100
0.75
MAXIMUM PACKAGE POWER DISSIPATION
vs
FREE-AIR TEMPERATURE
1
125
150
175
TA – Free-Air Temperature – °C
Figure 30
0.25
0
0
0.25
0.5
POWER DISSIPATION
vs
OUTPUT POWER
0.75
0.5
0.75
VDD = 5 V
RL = 8 Ω
RL = 16 Ω
PO – Output Power – W
Two Channels Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com