Electronic Components Datasheet Search
  English  ▼

X  

TPA302 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPA302
Description  300-mW STEREO AUDIO POWER AMPLIFIER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA302 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPA302 Datasheet HTML 9Page - Texas Instruments TPA302 Datasheet HTML 10Page - Texas Instruments TPA302 Datasheet HTML 11Page - Texas Instruments TPA302 Datasheet HTML 12Page - Texas Instruments TPA302 Datasheet HTML 13Page - Texas Instruments TPA302 Datasheet HTML 14Page - Texas Instruments TPA302 Datasheet HTML 15Page - Texas Instruments TPA302 Datasheet HTML 16Page - Texas Instruments TPA302 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
TPA302
300-mW STEREO AUDIO POWER AMPLIFIER
SLOS174B – JANUARY 1997 – REVISE MARCH 2000
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 35
VDD – Supply Voltage – V
THD = 1%
250
150
100
50
2.5
3
3.5
4
300
350
OUTPUT POWER
vs
SUPPLY VOLTAGE
450
4.5
5
5.5
400
200
0
RL = 8 Ω
RL = 32 Ω
Figure 36
30
10
0
–10
10
100
1 k
10 k
100 k
40
50
f – Frequency – Hz
OPEN LOOP RESPONSE
70
1 M
10 M 100 M
60
20
20
°
0
°
–20
°
–40
°
–60
°
–80
°
–100
°
Gain
Phase
Figure 37
–60
10
f – Frequency – Hz
CLOSED LOOP RESPONSE
20
100 M
200
°
–200
°
0
–20
–40
100
°
0
°
–100
°
100
1 k
10 k
100 k
1 M
10 M
Phase
Gain
Figure 38
–50
–60
–80
–90
–100
0
–70
10
100
1 k
10 k
100 k
–30
–40
–10
f – Frequency – Hz
CROSSTALK
vs
FREQUENCY
–20
VDD = 5 V
V02 to V01
(b to a)
V01 to V02
(a to b)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com