Electronic Components Datasheet Search
  English  ▼

X  

TPA302 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TPA302
Description  300-mW STEREO AUDIO POWER AMPLIFIER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA302 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPA302 Datasheet HTML 13Page - Texas Instruments TPA302 Datasheet HTML 14Page - Texas Instruments TPA302 Datasheet HTML 15Page - Texas Instruments TPA302 Datasheet HTML 16Page - Texas Instruments TPA302 Datasheet HTML 17Page - Texas Instruments TPA302 Datasheet HTML 18Page - Texas Instruments TPA302 Datasheet HTML 19Page - Texas Instruments TPA302 Datasheet HTML 20Page - Texas Instruments TPA302 Datasheet HTML 21Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
TPA302
300-mW STEREO AUDIO POWER AMPLIFIER
SLOS174B – JANUARY 1997 – REVISE MARCH 2000
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Table 1. Common Load Impedances vs Low Frequency Output Characteristics in SE Mode
RL
CC
LOWEST FREQUENCY
8
Ω
68
µF
293 Hz
32
Ω
68
µF
73 Hz
47,000
Ω
68
µF
0.05 Hz
As Table 1 indicates, most of the bass response is attenuated into 8-
Ω loads while headphone response is
adequate and drive into line level inputs (a home stereo for example) is very good.
The output coupling capacitor required in single-supply SE mode also places additional constraints on the
selection of other components in the amplifier circuit. The rules described earlier still hold with the addition of
the following relationship:
(8)
1
C
B
25 k
Ω
v
1
C
I RI
1
R
LCC
shutdown mode
The TPA302 employs a shutdown mode of operation designed to reduce quiescent supply current, IDD(q), to
the absolute minimum level during periods of nonuse for battery-power conservation. For example, during
device sleep modes or when other audio-drive currents are used (i.e., headphone mode), the speaker drive is
not required. The SHUTDOWN input terminal should be held low during normal operation when the amplifier
is in use. Pulling SHUTDOWN high causes the outputs to mute and the amplifier to enter a low-current state,
IDD < 1 µA. SHUTDOWN should never be left unconnected because amplifier operation would be unpredictable.
using low-ESR capacitors
Low-ESR capacitors are recommended throughout this applications section. A real capacitor can be modeled
simply as a resistor in series with an ideal capacitor. The voltage drop across this resistor minimizes the
beneficial effects of the capacitor in the circuit. The lower the equivalent value of this resistance the more the
real capacitor behaves like an ideal capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com