Electronic Components Datasheet Search
  English  ▼

X  

TPA302 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPA302
Description  300-mW STEREO AUDIO POWER AMPLIFIER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA302 Datasheet(HTML) 2 Page - Texas Instruments

  TPA302 Datasheet HTML 1Page - Texas Instruments TPA302 Datasheet HTML 2Page - Texas Instruments TPA302 Datasheet HTML 3Page - Texas Instruments TPA302 Datasheet HTML 4Page - Texas Instruments TPA302 Datasheet HTML 5Page - Texas Instruments TPA302 Datasheet HTML 6Page - Texas Instruments TPA302 Datasheet HTML 7Page - Texas Instruments TPA302 Datasheet HTML 8Page - Texas Instruments TPA302 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
TPA302
300-mW STEREO AUDIO POWER AMPLIFIER
SLOS174B – JANUARY 1997 – REVISE MARCH 2000
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
SMALL OUTLINE†
(D)
–40
°C to 85°C
TPA302D
† The D packages are available taped and reeled. To order a taped
and reeled part, add the suffix R (e.g., TPA302DR)
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)‡
Supply voltage, VDD
6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage , VI
–0.3 V to VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
Internally Limited (See Dissipation Rating Table)
. . . . . . . . . . . . . . . . . . . .
Operating junction temperature range, TJ
–40
°C to 150° C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
D
731 mW
5.8 mW/
°C
460 mW
380 mW
recommended operating conditions
MIN
MAX
UNIT
Supply voltage, VDD
2.7
5.5
V
Operating free-air temperature, TA
–40
85
°C
dc electrical characteristics at specified free-air temperature, VDD = 3.3 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
IDD
Supply current
2.25
5
mA
VIO
Input offset voltage
5
20
mV
PSRR
Power supply rejection ratio
VDD = 3.2 V to 3.4 V
55
dB
IDD(SD)
Quiescent current in shutdown
0.6
20
µA
ac operating characteristics, VDD = 3.3 V, TA = 25°C, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
THD < 0.08%
100
PO
Output power
Gain = –1,
THD < 1%
125
mW
PO
Output power
,
f = 1 kHz
THD < 0.08%,
RL = 32 Ω
25
mW
THD < 1%,
RL = 32 Ω
35
BOM
Maximum output power bandwidth
Gain = 10,
1% THD
20
kHz
B1
Unity gain bandwidth
Open loop
1.5
MHz
Channel separation
f = 1 kHz
75
dB
Supply ripple rejection ratio
f = 1 kHz
45
dB
Vn
Noise output voltage
Gain = –1
10
µVrms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com