Electronic Components Datasheet Search
  English  ▼

X  

LE25FW808 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LE25FW808
Description  8M-bit (1024K횞8) Serial Flash Memory with High-Density Read Mode
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE25FW808 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LE25FW808 Datasheet HTML 1Page - Sanyo Semicon Device LE25FW808 Datasheet HTML 2Page - Sanyo Semicon Device LE25FW808 Datasheet HTML 3Page - Sanyo Semicon Device LE25FW808 Datasheet HTML 4Page - Sanyo Semicon Device LE25FW808 Datasheet HTML 5Page - Sanyo Semicon Device LE25FW808 Datasheet HTML 6Page - Sanyo Semicon Device LE25FW808 Datasheet HTML 7Page - Sanyo Semicon Device LE25FW808 Datasheet HTML 8Page - Sanyo Semicon Device LE25FW808 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
61009 SY IM 20090319-S00003 No.A0839-1/27
LE25FW808
Overview
The LE25FW808 is 1024K
×8bit Serial flash memory by 3.0V single power supply operation, and support serial
peripheral interface (S.P.I.). There are three kinds of erase functions, Small Sector (8K bytes) erase, Sector (64K bytes)
erase and Chip erase. If those erase is used properly according to the application, you can efficiently use the memory space.
Page program can program the arbitrary data from 1 byte to 256 bytes. LE25FW808 has our original high-speed program
function, page program time is 0.3ms (Typ.). Therefore, the overall rewriting time of 8M bit is 1.5s (Typ.), when
combining with Chip erase. Moreover, LE25FW808 is stored in 8 pin very small package by making the best use of the
feature of serial interface. According to these features, LE25FW808 is the best suited for applications in the portable
electronic devices, that require re-programmable nonvolatile storage of program memory.
LE25FW808 has also the High-Density read mode (hereafter, HD_READ mode) that is the most high-speed data transfer
in the world as the flash memory with serial interface. About eight times the data-transfer velocity can be achieved without
changing the clock frequency used in a usual serial flash memory by using this mode. For instance, it is possible to read
with 240Mbit/s in the maximum by using the HD_READ mode of 30MHz though a standard serial flash memory read with
30Mbit/s or less.
Features
• Read/write operations enabled by single 3.0V power supply: 2.7 to 3.6V supply voltage range
• Operating frequency
: 50MHz
• Temperature range
: 0 to 70
°C
–40 to +85
°C (Planning)
Continued on next page.
Ordering number : ENA0839
CMOS IC
8M-bit (1024K
×8) Serial Flash Memory
with High-Density Read Mode
* This product is licensed from Silicon Storage Technology, Inc. (USA), and manufactured and sold by
SANYO Semiconductor Co., Ltd.
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.


Similar Part No. - LE25FW808

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE25FW806 SANYO-LE25FW806 Datasheet
147Kb / 22P
CMOS IC 8M-bit (1M횞8) Serial Flash Memory
LE25FW806 SANYO-LE25FW806 Datasheet
180Kb / 22P
8M-bit (1M횞8) Serial Flash Memory
LE25FW806 SANYO-LE25FW806_10 Datasheet
180Kb / 22P
8M-bit (1M횞8) Serial Flash Memory
More results

Similar Description - LE25FW808

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9894AL OKI-MSM9894AL Datasheet
114Kb / 7P
8M-bit Serial Voice Flash Memory
logo
Winbond
W25P80 WINBOND-W25P80 Datasheet
806Kb / 43P
8M-BIT AND 16M-BIT SERIAL FLASH MEMORY
W25P80 WINBOND-W25P80_07 Datasheet
966Kb / 43P
8M-BIT AND 16M-BIT SERIAL FLASH MEMORY
logo
Sanyo Semicon Device
LE25FW418A SANYO-LE25FW418A Datasheet
324Kb / 27P
4M-bit (512K횞8) Serial Flash Memory with High-Density Read Mode
LE25FW806 SANYO-LE25FW806_10 Datasheet
180Kb / 22P
8M-bit (1M횞8) Serial Flash Memory
logo
ON Semiconductor
ENA2261 ONSEMI-ENA2261 Datasheet
203Kb / 23P
8M-bit (1024K x 8) Serial Flash Memory
December, 2013
ENA2262A ONSEMI-ENA2262A Datasheet
161Kb / 23P
8M-bit (1024K ??8) Serial Flash Memory
April, 2014
ENA2263 ONSEMI-ENA2263 Datasheet
160Kb / 23P
8M-bit (1024K ??8) Serial Flash Memory
December, 2013
ENA2269 ONSEMI-ENA2269 Datasheet
150Kb / 23P
8M-bit (1024K ??8) Serial Flash Memory
December, 2013
logo
List of Unclassifed Man...
PN25F08 ETC2-PN25F08 Datasheet
1Mb / 59P
8M-BIT SERIAL FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com