Electronic Components Datasheet Search
  English  ▼

X  

LE25FW808 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LE25FW808
Description  8M-bit (1024K횞8) Serial Flash Memory with High-Density Read Mode
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE25FW808 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LE25FW808 Datasheet HTML 1Page - Sanyo Semicon Device LE25FW808 Datasheet HTML 2Page - Sanyo Semicon Device LE25FW808 Datasheet HTML 3Page - Sanyo Semicon Device LE25FW808 Datasheet HTML 4Page - Sanyo Semicon Device LE25FW808 Datasheet HTML 5Page - Sanyo Semicon Device LE25FW808 Datasheet HTML 6Page - Sanyo Semicon Device LE25FW808 Datasheet HTML 7Page - Sanyo Semicon Device LE25FW808 Datasheet HTML 8Page - Sanyo Semicon Device LE25FW808 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
LE25FW808
No.A0839-3/27
Figure 2 Block Diagram
Table 1 Pin Description
*( ) HD_READ mode
Symbol
Pin Name
Description
SCK
Serial clock
This pin controls the data input/output timing.
SI
(SIO0)
Serial data input
(Serial data I/O0)
To input data or addresses serially from MSB to LSB (Least Significant Bit).
(To input data or addresses and to output data serially in the HD_READ mode)
SO
(SIO3)
Serial data output
(Serial data I/O3)
To output data serially from MSB to LSB.
(To input data or addresses and to output data serially in the HD_READ mode)
CS
Chip select
The device becomes active when the logic level of this pin is low; it is deselected and placed in standby
status when the logic level of the pin is high.
WP
(SIO2)
Write-protect
(Serial data I/O2)
To write-protect the block protect bits (BP0, BP1, BP2) and the status register write protect bit (SRWP) of the
status register in co-operation with the status register write protect bit (SRWP).
(To input data or addresses and to output data serially in the HD_READ mode)
HOLD
(SIO1)
Hold
(Serial data I/O1)
To pause any serial communications with the device without deselecting the device.
(To input data or addresses and to output data serially in the HD_READ mode)
VDD
Power supply
This pin supplies the 2.7 to 3.6V supply voltage.
VSS
Ground
This pin supplies the 0V supply voltage.
8M Bit
Flash EEPROM
Cell Array
Y-DECODER
I/O BUFFERS
&
DATA LATCHES
CS
SCK
SI
(SIO0)
HOLD
(SIO1)
WP
(SIO2)
SO
(SIO3)
X-
DECODER
ADDRESS
BUFFERS
&
LATCHES
SERIAL INTERFACE
CONTROL
LOGIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com