Electronic Components Datasheet Search
  English  ▼

X  

LE25FW808 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LE25FW808
Description  8M-bit (1024K횞8) Serial Flash Memory with High-Density Read Mode
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE25FW808 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LE25FW808 Datasheet HTML 1Page - Sanyo Semicon Device LE25FW808 Datasheet HTML 2Page - Sanyo Semicon Device LE25FW808 Datasheet HTML 3Page - Sanyo Semicon Device LE25FW808 Datasheet HTML 4Page - Sanyo Semicon Device LE25FW808 Datasheet HTML 5Page - Sanyo Semicon Device LE25FW808 Datasheet HTML 6Page - Sanyo Semicon Device LE25FW808 Datasheet HTML 7Page - Sanyo Semicon Device LE25FW808 Datasheet HTML 8Page - Sanyo Semicon Device LE25FW808 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
LE25FW808
No.A0839-5/27
Device Operation
The LE25FW808 features electrical on-chip erase functions using a single 3.0V power supply, that have been added to
the EPROM functions of the industry standard that support serial interfaces. Interfacing and control are facilitated by
incorporating the command registers inside the chip. The read, erase, program and other required functions of the
device are executed through the command registers. The command addresses and data input in accordance with "Table
2 Command Settings" are latched inside the device in order to execute the required operations. "Figure 3 Serial Input
Timing" shows the timing waveforms of the serial data input. First, at the falling CS edge the device is selected, and
serial input is enabled for the commands, addresses, etc. These inputs are introduced internally in sequence starting with
bit 7 in synchronization with the rising SCK edge. At this time, output pin SO is in the high-impedance state. The
output pin is placed in the low-impedance state when the data is output in sequence starting with bit 7 synchronized to
the falling clock edge during read, status register read and silicon ID. Refer to "Figure 4 Serial Output Timing" for the
serial output timing.
The LE25FW808 supports both serial interface SPI mode 0 and SPI mode 3. At the falling CS edge, SPI mode 0 is
automatically selected if the logic level of SCK is low, and SPI mode 3 is automatically selected if the logic level of
SCK is high.
Figure 3 Serial Input Timing
Figure 4 Serial Output Timing
High Impedance
tDH
tCPH
tDS
tCSH
tCSS
CS
DATA VALID
SO
SI
SCK
High Impedance
tCLH
tCLS
tCLHI
tCLLO
tHO
tCHZ
tCLZ
SI
tV
CS
SO
SCK
DATA VALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com