Electronic Components Datasheet Search
  English  ▼

X  

LE25FW808 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LE25FW808
Description  8M-bit (1024K횞8) Serial Flash Memory with High-Density Read Mode
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE25FW808 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LE25FW808 Datasheet HTML 1Page - Sanyo Semicon Device LE25FW808 Datasheet HTML 2Page - Sanyo Semicon Device LE25FW808 Datasheet HTML 3Page - Sanyo Semicon Device LE25FW808 Datasheet HTML 4Page - Sanyo Semicon Device LE25FW808 Datasheet HTML 5Page - Sanyo Semicon Device LE25FW808 Datasheet HTML 6Page - Sanyo Semicon Device LE25FW808 Datasheet HTML 7Page - Sanyo Semicon Device LE25FW808 Datasheet HTML 8Page - Sanyo Semicon Device LE25FW808 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
LE25FW808
No.A0839-4/27
Table 2 Command Settings
Command
1st bus cycle
2nd bus cycle
3rd bus cycle
4th bus cycle
5th bus cycle
6th bus cycle
Nth bus cycle
03h
A23-A16
A15-A8
A7-A0
Read
0Bh
A23-A16
A15-A8
A7-A0
X
Set HD_READ mode
D4h
MD *1
Small sector erase
D7h
A23-A16
A15-A8
A7-A0
Sector erase
D8h
A23-A16
A15-A8
A7-A0
Chip erase
C7h
Page program
02h
A23-A16
A15-A8
A7-A0
PD *2
PD *2
PD *2
Write enable
06h
Write disable
04h
Power down
B9h
Status register read
05h
Status register write
01h
DATA
Read silicon ID 1 *2
9Fh
Read silicon ID 2 *4
ABh
X
X
A7-A0
Exit power down mode
ABh
Explanatory notes for Table 2
"X" signifies "don't care" (that is to say, any value may be input).
The "h" following each code indicates that the number given is in hexadecimal notation.
Addresses A23 to A20 for all commands are "Don't care".
In order for commands other than the read command to be recognized, CS must rise after all the bus cycle input.
*1. MD: mode register data. Various operation methods of the HD_READ mode such as the operation frequencies
and the clock latency. Please refer to Table 3 for details.
*2: "PD" stands for page program data. Any amount of data from 1 to 256 bytes in 1-byte unit is input.
*3: Of the two silicon ID commands, it is for the command with the 9Fh setting that the manufacturer code 62h is first
output. For as long as the clock input is continued, 20h of the device code is output continuously, followed by the
repeated output of 62h and 20h.
*4: Read ID2 (ABh) A7 to A1 are don't care. A read cycle from address A0=‘0’ outputs the manufacture code
(SANYO: 62h). A read cycle at address A0=‘1’ outputs the device code (20h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com