Electronic Components Datasheet Search
  English  ▼

X  

3333 Datasheet(PDF) 2 Page - ASM GmbH

Part # 3333
Description  AC/DC POWER HiTESTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

3333 Datasheet(HTML) 2 Page - ASM GmbH

  3333 Datasheet HTML 1Page - ASM GmbH 3333 Datasheet HTML 2Page - ASM GmbH 3333 Datasheet HTML 3Page - ASM GmbH 3333 Datasheet HTML 4Page - ASM GmbH 3333 Datasheet HTML 5Page - ASM GmbH 3333 Datasheet HTML 6Page - ASM GmbH 3333 Datasheet HTML 7Page - ASM GmbH 3333 Datasheet HTML 8Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
1.00mA
0.150V
0.0000W
All Measurements Within this Range Fully Guaranteed for Accuracy
30.00A
300.0V
9.000kW
Current: 1mA to 30A, Voltage: 0.15V to 300V, Apparent Power: 0W to 9kW
3334 AC/DC POWER
All the Features for DC and Current/Power Integration Measurements
The HIOKI AC/DC POWER HiTESTER Solves All of your Energy Consumption Testing Needs
■
Complete Accuracy Over a Wide Input Range
With a DC to 5kHz frequency bandwidth, all AC and DC
measurement and AC/DC elements such as half-wave rectified
values can be tested reliably and accurately
[AC+DC Mode]: For half-wave rectified loads common in small
household appliances such as hair dryers
[DC Mode]: For pure DC loads in batteries
[AC Mode]: For loads in commercial power lines powering
common household appliances
Switch modes simply by pressing the DC/AC button on the panel
■
Measure AC or DC Loads
0.0 A
Half-wave rectified
0.0 A
All waves rectified
Some hair dryers operate by switching
the output by a half-wave rectified.
80% of Actual Size Shown
Both the 3333 and 3334 offer simple operating procedures and quick and easy-to-understand readings and alarm displays. Settings can be made
for obtaining the average of captured data (AVG), VT ratio (conversion ratio), CT ratio, GP-IB address, integration time (from 1 minute to 10,000
hours), and D/A Output Parameters. Information regarding the Power HiTESTER's currents status such as display hold, remote control settings, and
key lock (to prevent unauthorized reconfigurations) can be viewed at a glance.
*Easily test for over-consumption even when testing distorted waveforms that are commonly found in switching power supplies and similar devices by
monitoring for the [PEAK OVER] alarm, simply by setting for the alarm to activate and the display to light up when the input exceeds the range.
■
Intuitive Setting Procedures and Easy-to-Understand Displays
Measure for the Peak Value of Voltage and Current for Each Polarity
Indepedently. Also measure the inrush current or surge current of electrical
equipment.
Measure simply by pressing the SHIFT+HOLD keys.
Measure the peak current of the standby
power of home entertainment devices
Measure the inrush current when copiers
and similar equipment are started
peak current
inrush current
■
Capture Inrush Current with the Peak
Measurement Function



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com