Electronic Components Datasheet Search
  English  ▼

X  

3333 Datasheet(PDF) 8 Page - ASM GmbH

Part # 3333
Description  AC/DC POWER HiTESTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

3333 Datasheet(HTML) 8 Page - ASM GmbH

  3333 Datasheet HTML 1Page - ASM GmbH 3333 Datasheet HTML 2Page - ASM GmbH 3333 Datasheet HTML 3Page - ASM GmbH 3333 Datasheet HTML 4Page - ASM GmbH 3333 Datasheet HTML 5Page - ASM GmbH 3333 Datasheet HTML 6Page - ASM GmbH 3333 Datasheet HTML 7Page - ASM GmbH 3333 Datasheet HTML 8Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
HEAD OFFICE :
81 Koizumi, Ueda, Nagano, 386-1192, Japan
TEL +81-268-28-0562 / FAX +81-268-28-0568
E-mail: os-com@hioki.co.jp
HIOKI USA CORPORATION :
6 Corporate Drive, Cranbury, NJ 08512 USA
TEL +1-609-409-9109 / FAX +1-609-409-9108
E-mail: hioki@hiokiusa.com
DISTRIBUTED BY
All information correct as of Dec. 14, 2007. All specifications are subject to change without notice.
3334E1-7ZM-07P
Printed in Japan
HIOKI (Shanghai) Sales & Trading Co., Ltd. :
1904 Shanghai Times Square Office, 93 Huai Hai Zhong Road
Shanghai, P.R.China POSTCODE: 200021
TEL +86-21-6391-0090/0092 FAX +86-21-6391-0360
E-mail: info-sh@hioki.cn
Beijing Office :
A-2602 Freetown, 58 Dong San Huan Nan Road
Beijing, P.R.China POSTCODE: 100022
TEL +86-10-5867-4080/4081 FAX +86-10-5867-4090
E-mail: info-bj@hioki.cn
Guangzhou Office :
Room 303, Profit Plaza, No.76, West Huangpu Road
Guangzhou, P.R.China POSTCODE: 510623
TEL +86-20-38392673/2676 FAX +86-20-38392679
E-mail: info-gz@hioki.cn
Data Management is as Easy as 1-2-3
■
RS-232C (built-in with the 3334 and 3333)
■
RS-232C, GP-IB (built-in with the 3334-01 and 3333-01)
Free RS-232C application for both models available from your authorized HIOKI distributor only.
■
Option Printer (For the 3333 and 3333-01)
PRINTER 9442
CONNECTION CABLE (for printer 9442) 9444
RECORDING PAPER 1196
AC ADAPTER (for printer 9442 operation in Europe, except Switzerland) 9443-02
AC ADAPTER (for printer 9442, for USA) 9443-03
AC/DC POWER HiTESTER 3334
POWER HiTESTER (
with GP-IB) 3334-01
(Accessories: Instruction Manual (1), Power cord (1))
POWER HiTESTER 3333
POWER HiTESTER (
with GP-IB) 3333-01
(Accessories: Instruction Manual (1), Power cord (1))
■
Options (Common to both Models 3334 and 3334-01)
RS-232C CABLE (9-pin to 9-pin, crossed cable/1.8m(0.07ft)) 9637
RS-232C CABLE (9-pin to 25-pin, crossed cable/1.8m(0.07ft)) 9638
GP-IB CONNECTOR CABLE (2m) 9151-02
GP-IB CONNECTOR CABLE (4m) 9151-04
No. 3 Phillips screwdriver
•Features and Functions
1. Operate the Power HiTESTER's keys on the PC
as you would on the actual unit
2. Further process test data on spreadhseet
software such as Excel
■
Operate the Power HiTESTER from Your PC
3334
3333
Use of the software require a comprehensive understanding of the protocols and commands.
Support for modifications to the software not available.
AC ADAPTER 9443-02
CONNECTION CABLE 9444
When purchasing the Printer 9442, make sure you also purchase the Connection cable 9444
and AC adapter 9443-02/03 so that you can connect it to the 3333/3333-01.
Print method :
Thermal serial dot printing
Paper width :
112 mm(4.41ft)
Power supply :
9443-02/03AC adapter, or supplied nickel-metal hydride battery
Dimensions and weight :
160W(6.30")× 66.5H(2.62") × 17D(0.67") mm, 580g(20.5oz.)
RS-232C CABLE 9637
GP-IB CONNECTOR CABLE 9151-02
No. 3 Phillips screwdriver



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com