Electronic Components Datasheet Search
  English  ▼

X  

3333 Datasheet(PDF) 3 Page - ASM GmbH

Part # 3333
Description  AC/DC POWER HiTESTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

3333 Datasheet(HTML) 3 Page - ASM GmbH

  3333 Datasheet HTML 1Page - ASM GmbH 3333 Datasheet HTML 2Page - ASM GmbH 3333 Datasheet HTML 3Page - ASM GmbH 3333 Datasheet HTML 4Page - ASM GmbH 3333 Datasheet HTML 5Page - ASM GmbH 3333 Datasheet HTML 6Page - ASM GmbH 3333 Datasheet HTML 7Page - ASM GmbH 3333 Datasheet HTML 8Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Compatible to 100 - 240V AC Power Supplies
■
Universal Power Supply
The HIOKI AC/DC POWER HiTESTER Solves All of your Energy Consumption Testing Needs
●
Meet Industrial Standard Requirements for Test Accuracy
●
Measure for Consumed Power
Also ideal for measuring the standby power and power consumption level of household appliances
Make a secure connection with the screw-type terminals
*Use a No.3 Phillips screwdriver
Actual Size
■
Easy-to-connect Terminals
■
Data management with PC
Ask your distributor for more information
regarding the freeware for processing your
measurement data
Make full use of these interfaces
to increase efficiency
•
RS-232C (3334)
•
RS-232C, GP-IB (3334-01)
Voltage
Current
Active power
Integrated active power
■
Analog Output on All 4 Channels
•
Simultaneously ouput the voltage, current
and active power values (DC ±2 V f.s., data
refreshed 5 times/second)
•
Output the apparent power, power factor,
or integrated current/active power over an
additional 1 channel
Even measure the discharge level of each individual polarity of batteries
Devices that are highly vulnerable to power fluctua-
tions such as copiers and cycle-controlled equip-
ment can also be measured for integrated power
Measure the amount of solar gener-
ated power and how much is being
sold back to the power company
■
AC/DC Current and Power Integration
Rear Panel Design of Model 3334-01
with built-in GP-IB Interface
Reliably test waveforms with large crest factors (peak value with
respect to the RMS value) such as pulsed systems
*Highest effective peak voltage and peak current values on the 3334
are 300% of the range. Accuracy is guaranteed for 1% to 100% of both
ranges.
For example, in the 100mA range
where the
RMS value= 1mA
Peak value= 300mA,
CF=300
Even waveforms such as this can be
measured accurately with the 3334.
1mA rms
300mA peak to peak
■
Accurate Even for Waveforms
with Large Crest Factors
Leading edge technology and innovations helped to
minimize the space required, while still enabling DC
measurements.
*Standard rack mount kits also available upon special order.
■
Small Footprint
210
100
15
■
Waveform Output over 3 Channels
Instantaneous waveforms of
the measured voltage, current
and active power can be
simultaneously output
•Output: 1 V f.s.
•Sampling speed: 74.4kHz
(at 50Hz: 1488 points/waveform)
(at 60Hz: 1240 points/waveform)
Voltage
Current
Active power
Waveform of a motor startup



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com