Electronic Components Datasheet Search
  English  ▼

X  

3333 Datasheet(PDF) 4 Page - ASM GmbH

Part # 3333
Description  AC/DC POWER HiTESTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

3333 Datasheet(HTML) 4 Page - ASM GmbH

  3333 Datasheet HTML 1Page - ASM GmbH 3333 Datasheet HTML 2Page - ASM GmbH 3333 Datasheet HTML 3Page - ASM GmbH 3333 Datasheet HTML 4Page - ASM GmbH 3333 Datasheet HTML 5Page - ASM GmbH 3333 Datasheet HTML 6Page - ASM GmbH 3333 Datasheet HTML 7Page - ASM GmbH 3333 Datasheet HTML 8Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Fully Answering the Needs for a High Accuracy, Long-lasting, andUser- Friendly Power Measuring Device for the Production and Inspection Lines
Actual
Size
1. Key Lock (SHIFT + KEY LOCK keys)
Useful for avoiding inadvertent operations on production
lines.
2. Data Print (SHIFT + DATA OUT keys)
Obtain hard copies of measurement data using the
optional Printer Model 9442.
■
Convenient functions
Select current range simply by pressing the button
(accepts up to 30 AAC, including auto-ranging)
No voltage range setting required (accepts up to
300 VAC)
■
Easy range setting
Warning lights indicate out-of-range input to Model
3333 when measuring voltage and current of distorted
waveforms, such as in power switching circuits.
■
Check for Errors at a Glance
Bright emissive numeric and unit symbol
display
■
Easy-to-see display
Press the SET key to display settings
Display a: AVG setting (number of samples to
average)
convenient for displaying severely
fluctuating values
Display b: VT (voltage transformer) ratio setting
Display c: CT (current transformer) ratio setting
To expand the measurement input
level, VT and CT ratios can be set for
transformer measurements. Primary
winding input values can be read directly.
■
Quick and Simple Settings
Operation: Press NEXT or the a, b or c key to select a setting
item
3333 AC POWER
Accuracy That Can Only Be Realized with a Digital Display
Display hold, remote control and
key-lock states are indicated separately.
■
Clearly visible instrument status
Selectable simultaneous display of voltage, current, power
(active or apparent) or power factor
Display a: voltage, current or active power
Display b: current, active power or apparent power
Display c: active power, power factor, voltage or current
Operation: Press the a, b or c key to switch between parameters
■
Multifunctional - 3 Meters In One



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com