Electronic Components Datasheet Search
  English  ▼

X  

AP8801 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP8801
Description  500mA LED Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP8801 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP8801 Datasheet HTML 1Page - Diodes Incorporated AP8801 Datasheet HTML 2Page - Diodes Incorporated AP8801 Datasheet HTML 3Page - Diodes Incorporated AP8801 Datasheet HTML 4Page - Diodes Incorporated AP8801 Datasheet HTML 5Page - Diodes Incorporated AP8801 Datasheet HTML 6Page - Diodes Incorporated AP8801 Datasheet HTML 7Page - Diodes Incorporated AP8801 Datasheet HTML 8Page - Diodes Incorporated AP8801 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AP8801
500mA LED Step-Down Converter
AP8801 Rev. 1
5 of 11
MARCH 2009
www.diodes.com
© Diodes Incorporated
LED Current Control
The LED current is controlled by the resistor RSET in Figure 2.
Connected between VIN and SET the nominal average output current in the LED(s) is defined as:
SET
THD
LED
R
V
I
=
If the CTRL pin is driven by an external voltage (lower than 2.5V), the average LED current is:
SET
THD
REF
CTRL
LED
R
V
V
V
I
=
LED current Versus RSET and VCTRL
0.4
0.47
0.56
0.82
1
3
0.47
0.68
0.82
1
1.2
1.5
2
3
1.2
1.5
2
3
1
0.82
0.68
2
1.5
1.2
0
100
200
300
400
500
600
0
0.15
0.3
0.45
0.6
0.75
0.9
1.05
1.2
1.35 1.5
1.65 1.8
1.95 2.1
2.25 2.4
2.55 2.7
2.85
3
RSET value [Ohms]
LED current @
VCTRL = 1.25V
LED current @
VCTRL = 2.5V
LED current @
VCTRL = 0.625V
Figure 3: LED Current setting Vs RSET and VCTRL
Application Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com