Electronic Components Datasheet Search
  English  ▼

X  

AP8801 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP8801
Description  500mA LED Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP8801 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP8801 Datasheet HTML 3Page - Diodes Incorporated AP8801 Datasheet HTML 4Page - Diodes Incorporated AP8801 Datasheet HTML 5Page - Diodes Incorporated AP8801 Datasheet HTML 6Page - Diodes Incorporated AP8801 Datasheet HTML 7Page - Diodes Incorporated AP8801 Datasheet HTML 8Page - Diodes Incorporated AP8801 Datasheet HTML 9Page - Diodes Incorporated AP8801 Datasheet HTML 10Page - Diodes Incorporated AP8801 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AP8801
500mA LED Step-Down Converter
AP8801 Rev. 1
7 of 11
MARCH 2009
www.diodes.com
© Diodes Incorporated
The inductor influences the LED current accuracy that the system is able to provide. The following section
highlights how to select the inductor in relation to the device packages and the LED current, while maintaining
the chip temperature below 70˚C.
AP8801 Minimum Recommended Inductor - LED Current 500mA
8% Accuracy, <70°C Case Temperature
0.00
5.00
10.00
15.00
20.00
25.00
30.00
35.00
40.00
45.00
1
2
3
4
5
6
7
8
9
10
11
12
Supply Voltage (V)
Legend
47µH
68µH
100µH
150µH
220µH
470µH
47uH
68uH
100uH
150uH
220uH
470uH
Figure 5: Minimum recommended inductor with 500mA LED current
Capacitor Selection
The small size of ceramic capacitors makes them ideal for AP8801 applications.
X5R and X7R types are
recommended because they retain their capacitance over wider voltage and temperature ranges than other
types such as Z5U. A 2.2
μF input capacitor is sufficient for most intended applications of AP8801.
A 4.7
μF input capacitor is suggested for application with an input voltage equal or higher than 40V.
Diode Selection
Schottky diodes, e.g. B1100, with their low forward voltage drop and fast reverse recovery, are the ideal
choice for AP8801 applications.
PWM Dimming
A Pulse Width Modulated (PWM) signal with a max resolution of 8bit, can be applied to the CTRL pin to
change the output current to a value above or below the nominal average value set by resistor RSET. To
achieve this resolution the PWM frequency has to be lower than 500Hz.
Application Information
(Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com