Electronic Components Datasheet Search
  English  ▼

X  

AP8801 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP8801
Description  500mA LED Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP8801 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP8801 Datasheet HTML 1Page - Diodes Incorporated AP8801 Datasheet HTML 2Page - Diodes Incorporated AP8801 Datasheet HTML 3Page - Diodes Incorporated AP8801 Datasheet HTML 4Page - Diodes Incorporated AP8801 Datasheet HTML 5Page - Diodes Incorporated AP8801 Datasheet HTML 6Page - Diodes Incorporated AP8801 Datasheet HTML 7Page - Diodes Incorporated AP8801 Datasheet HTML 8Page - Diodes Incorporated AP8801 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AP8801
500mA LED Step-Down Converter
AP8801 Rev. 1
4 of 11
MARCH 2009
www.diodes.com
© Diodes Incorporated
Electrical Characteristics
(VIN =24V, TA=25
oC, unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VIN
Operating Input Voltage
8.0
-
48
V
IOUT
Continuous switch current
(Note 3)
500
mA
IQ
Quiescent Current
-
78
120
μA
FOSC
Switching Frequency
-
-
0.5
MHz
VTHD
Internal Threshold Voltage
184
200
216
mV
VREF
Internal Reference Voltage
-
1.25
-
V
SET
SET pin input current
VSET=VIN-0.2
-
7
-
μA
Rds(on)
On Resistance of MOSFET
ISW=0.4A
0.7
1.15
Ω
ISW Leakage Switch leakage current
-
-
8
μA
EN
Voltage High
ON
1.25
-
-
V
EN
Voltage Low
OFF
-
-
0.2
V
θ
JA
Thermal Resistance
Junction-to-Ambient
SOP-8L (Note 4)
-
88
-
°C/W
MSOP-8L (Note 4)
-
128
-
°C/W
θ
JC
Thermal Resistance
Junction-to-Case
SOP-8L (Note 4)
-
58
-
°C/W
MSOP-8L (Note 4)
-
90
-
°C/W
Notes:
3. Refer to figure 6 for the device derating curve.
4. Test condition for SOP-8L and MSOP-8L: Device mounted on FR-4 PCB, 2”x2”, 2oz copper, minimum recommended pad layout on top layer
and thermal vias to bottom layer ground plane. For better thermal performance, larger copper pad for heat-sink is needed.
Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com