Electronic Components Datasheet Search
  English  ▼

X  

AP8801 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP8801
Description  500mA LED Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP8801 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP8801 Datasheet HTML 3Page - Diodes Incorporated AP8801 Datasheet HTML 4Page - Diodes Incorporated AP8801 Datasheet HTML 5Page - Diodes Incorporated AP8801 Datasheet HTML 6Page - Diodes Incorporated AP8801 Datasheet HTML 7Page - Diodes Incorporated AP8801 Datasheet HTML 8Page - Diodes Incorporated AP8801 Datasheet HTML 9Page - Diodes Incorporated AP8801 Datasheet HTML 10Page - Diodes Incorporated AP8801 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
AP8801
500mA LED Step-Down Converter
AP8801 Rev. 1
8 of 11
MARCH 2009
www.diodes.com
© Diodes Incorporated
Thermal Considerations
The graph below in figure 6, gives details for power derating. This assumes the device to be mounted on a
25x25mm PCB with 1oz copper standing in still air.
Maximum Power Dissipation
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
25
50
75
100
125
150
Ambient Temperature (Deg C)
SOP8L
MSOP8L
Figure 6: AP8801 derating curves
Package Selection
The device comes with a wide selection of packages. The suggested package is able to provide a case
temperature below 70˚C (with an ambient temperature of 25˚C) for the combination of input voltage and load
requested.
Figure 7: Suggested package for a 500mA application
Application Information
(Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com