Electronic Components Datasheet Search
  English  ▼

X  

CDCE62002RHBT Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62002RHBT
Description  Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62002RHBT Datasheet(HTML) 29 Page - Texas Instruments

Back Button CDCE62002RHBT Datasheet HTML 25Page - Texas Instruments CDCE62002RHBT Datasheet HTML 26Page - Texas Instruments CDCE62002RHBT Datasheet HTML 27Page - Texas Instruments CDCE62002RHBT Datasheet HTML 28Page - Texas Instruments CDCE62002RHBT Datasheet HTML 29Page - Texas Instruments CDCE62002RHBT Datasheet HTML 30Page - Texas Instruments CDCE62002RHBT Datasheet HTML 31Page - Texas Instruments CDCE62002RHBT Datasheet HTML 32Page - Texas Instruments CDCE62002RHBT Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
Reference Input Buffer
UniversalInputControl
PN
PP
Register 0
0
1
4
Register 0
0
5
REF_IN
Vbb
1uF
Vbb
0.0
0.1
0.4
0.5
INBUFSELX
INBUFSELY
ACDCSEL
TERMSEL
P
N
VBB
0
0
X
1
OFF OFF
0
1
1
OFF
1
0
0
0
ON
ON
0
1
0
ON
ON
SWITCHStatus VBB
Settings
1
X
X
0
ON
ON
1
1
0
1.9V
ON
ON
1.2V
1.2V
1.2V
BitName -->
Register.Bit -->
INBUFSELX
INBUFSELY
0.0
0.1
LVDS
0
0
Disabled
0
1
LVPECL
1
0
LVCMOS
1
1
InputBufferSelect
InputBuffer
Mode
5k
5k
Smart Multiplexer Dividers
ReferenceDivider
/1 - /8
REF_IN
XTAL /
AUX _IN
Smart
MUX
SmartMUX
Control
2
3
Register 0
8
7
6
Register 0
9
1
Register 0
SmartMultiplexer
Pre-Divider
/1 or /2
0
REFSEL AUXSEL
0.2
0.3
AUXSelect
0
0
Reserved
1
0
REFSelect
0
1
AutoSelect
1
1
Setting
SmartMux
Mode
CDCE62002
www.ti.com.............................................................................................................................................................. SCAS882A – JUNE 2009 – REVISED JULY 2009
Figure 22 shows the key elements of a Universal Input Buffer (UIB). A UIB supports multiple formats along with
different termination and coupling schemes. The CDCE62002 implements the UIB by including on board
switched termination, a programmable bias voltage generator, and a multiplexer. The CDCE62002 provides a
high degree of configurability on the UIB to facilitate most existing clock input formats.
Figure 22. CDCE62002 Universal Input Buffer
Figure 23. CDCE62002 Smart Multiplexer
In Auto Select Mode the Smart Mux switches automatically between Reference input and Auxiliary input with a
preference to the Reference input. In order for the Smart Mux to function correctly the frequency after the
reference divider and the Auxiliary Input signal frequency should be within 20% of each other or one of them
should be zero or ground. In This mode a valid frequency needs to be present on AUX_IN before the /PD is
deasserted or power is applied.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): CDCE62002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com