Electronic Components Datasheet Search
  English  ▼

X  

CDCE62002RHBT Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62002RHBT
Description  Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62002RHBT Datasheet(HTML) 19 Page - Texas Instruments

Back Button CDCE62002RHBT Datasheet HTML 15Page - Texas Instruments CDCE62002RHBT Datasheet HTML 16Page - Texas Instruments CDCE62002RHBT Datasheet HTML 17Page - Texas Instruments CDCE62002RHBT Datasheet HTML 18Page - Texas Instruments CDCE62002RHBT Datasheet HTML 19Page - Texas Instruments CDCE62002RHBT Datasheet HTML 20Page - Texas Instruments CDCE62002RHBT Datasheet HTML 21Page - Texas Instruments CDCE62002RHBT Datasheet HTML 22Page - Texas Instruments CDCE62002RHBT Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
SPI (Serial Peripheral Interface)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
0
1
2
3
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
0
1
2
3
Address
Bits
(4)
Lastin /
Lastout
FirstIn /
FirstOut
SPI_LE
SPI_CLK
SPI_MOSI
SPI_MISO
SPI_LE
SPI_CLK
SPI_MOSI
SPI_MISO
SPIMaster (Host)
SPI_LE
SPI_CLK
SPI_MOSI
SPI_MISO
SPISlave (CDCE62002)
DeviceRegisterN
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
SPIRegister
DataBits (28)
CDCE62002
www.ti.com.............................................................................................................................................................. SCAS882A – JUNE 2009 – REVISED JULY 2009
The serial interface of CDCE62002 is a simple bidirectional SPI interface for writing and reading to and from the
device registers. It implements a low speed serial communications link in a master/slave topology in which the
CDCE62002 is a slave. The SPI consists of four signals:
•
SPI_CLK: Serial Clock (Output from Master) – the CDCE62002 clocks data in and out on the rising edge of SPI_CLK. Data transitions
therefore occur on the falling edge of the clock.
•
SPI_MOSI: Master Output Slave Input (Output from Master).
•
SPI_MISO: Master Input Slave Output (Output from Slave)
•
SPI_LE: Latch Enable (Output from Master). The falling edge of SPI_LE initiates a transfer. If SPI_LE is high, no data transfer can take
place.
The CDCE62002 implements data fields that are 28-bits wide. In addition, it contains 3 registers, each
comprising a 28 bit data field. Therefore, accessing the CDCE62002 requires that the host program append a
4-bit address field to the front of the data field as follows:
Figure 16. CDCE62002 SPI Communications Format
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): CDCE62002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com