Electronic Components Datasheet Search
  English  ▼

X  

CDCE62002RHBT Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62002RHBT
Description  Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62002RHBT Datasheet(HTML) 40 Page - Texas Instruments

Back Button CDCE62002RHBT Datasheet HTML 36Page - Texas Instruments CDCE62002RHBT Datasheet HTML 37Page - Texas Instruments CDCE62002RHBT Datasheet HTML 38Page - Texas Instruments CDCE62002RHBT Datasheet HTML 39Page - Texas Instruments CDCE62002RHBT Datasheet HTML 40Page - Texas Instruments CDCE62002RHBT Datasheet HTML 41Page - Texas Instruments CDCE62002RHBT Datasheet HTML 42Page - Texas Instruments CDCE62002RHBT Datasheet HTML 43Page - Texas Instruments CDCE62002RHBT Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 49 page
background image
SERDES Startup and Clock Cleaner
SERDES
CleanedClock
Data
RecoveredClock
Output
Divider 0
U0P
U0N
Output
Divider 1
U1P
U1N
PFD/
CP
Prescaler
Feedback
Divider
Input
Divider
Reference
Divider
REF_IN
XTAL /AUX_IN
EXT_LFP
EXT _LFN
CDCE62002
SCAS882A – JUNE 2009 – REVISED JULY 2009.............................................................................................................................................................. www.ti.com
The CDCE62002 can serve as a SERDES device companion by providing a crystal based reference for the
SERDES device to lock to receive data stream and when the SERDES locks to the data and outputs the
recovered clock the CDCE62002 can switch and use the recovered clock and serve as a jitter cleaner.
Figure 34. CDCE62002 Clocking SERDES
Since the jitter of the recovered clock can be above 100 ps (RMS) the output jitter from CDCE62002 can be as
low and 6 ps (RMS) depending on the external loop filter configuration.
40
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): CDCE62002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com