Electronic Components Datasheet Search
  English  ▼

X  

CDCE62002RHBT Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62002RHBT
Description  Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62002RHBT Datasheet(HTML) 16 Page - Texas Instruments

Back Button CDCE62002RHBT Datasheet HTML 12Page - Texas Instruments CDCE62002RHBT Datasheet HTML 13Page - Texas Instruments CDCE62002RHBT Datasheet HTML 14Page - Texas Instruments CDCE62002RHBT Datasheet HTML 15Page - Texas Instruments CDCE62002RHBT Datasheet HTML 16Page - Texas Instruments CDCE62002RHBT Datasheet HTML 17Page - Texas Instruments CDCE62002RHBT Datasheet HTML 18Page - Texas Instruments CDCE62002RHBT Datasheet HTML 19Page - Texas Instruments CDCE62002RHBT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
SPI CONTROL INTERFACE TIMING
SPI_CLK
Bit0
Bit1
Bit29
Bit30
Bit31
SPI_LE
SPI_MOSI
t4
t 5
t2
t3
t7
t 6
t1
SPI_CLK
SPI_MOSI
SPI_MISO
SPI_LE
Bit 30
Bit 31
Bit 0
Bit 1
Bit 2
t 4
t5
t2
t 3
t7
t6
t8
CDCE62002
SCAS882A – JUNE 2009 – REVISED JULY 2009.............................................................................................................................................................. www.ti.com
Figure 12. Timing Diagram for SPI Write Command
Figure 13. Timing Diagram for SPI Read Command
Table 5. SPI Bus Timing Characteristics
SPI BUS TIMINGS
PARAMETER
MIN
TYP
MAX
UNIT
fClock
Clock Frequency for the SPI_CLK
20
MHz
t1
SPI_LE to SPI_CLK setup time
10
ns
t2
SPI_MOSI to SPI_CLK setup time
10
ns
t3
SPI_MOSI to SPI_CLK hold time
10
ns
t4
SPI_CLK high duration
25
ns
t5
SPI_CLK low duration
25
ns
t6
SPI_CLK to SPI_LE Setup time
10
ns
t7
SPI_LE Pulse Width
20
ns
t8
SPI_MISO to SPI_CLK Data Valid (First Valid Bit after LE)
10
ns
16
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): CDCE62002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com