Electronic Components Datasheet Search
  English  ▼

X  

PCM1795DBR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1795DBR
Description  32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1795DBR Datasheet(HTML) 4 Page - Texas Instruments

  PCM1795DBR Datasheet HTML 1Page - Texas Instruments PCM1795DBR Datasheet HTML 2Page - Texas Instruments PCM1795DBR Datasheet HTML 3Page - Texas Instruments PCM1795DBR Datasheet HTML 4Page - Texas Instruments PCM1795DBR Datasheet HTML 5Page - Texas Instruments PCM1795DBR Datasheet HTML 6Page - Texas Instruments PCM1795DBR Datasheet HTML 7Page - Texas Instruments PCM1795DBR Datasheet HTML 8Page - Texas Instruments PCM1795DBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
PCM1795
SLES248 – MAY 2009 ........................................................................................................................................................................................................ www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
All specifications at TA = +25°C, VCC1 = VCC2L = VCC2R = 5 V, VDD = 3.3 V, fS = 48 kHz, system clock = 256 fS, and 32-bit
data, unless otherwise noted.
PCM1795 DB
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DYNAMIC PERFORMANCE (MONO MODE)(3)(4)(5)
fS = 48 kHz
0.0005
%
THD+N at VOUT = 0 dB
fS = 96 kHz
0.001
%
fS = 192 kHz
0.0015
%
EIAJ, A-weighted, fS = 48 kHz
126
dB
Dynamic range
EIAJ, A-weighted, fS = 96 kHz
126
dB
EIAJ, A-weighted, fS = 192 kHz
126
dB
EIAJ, A-weighted, fS = 48 kHz
126
dB
Signal-to-noise ratio
EIAJ, A-weighted, fS = 96 kHz
126
dB
EIAJ, A-weighted, fS = 192 kHz
126
dB
DSD MODE DYNAMIC PERFORMANCE (44.1 kHz, 64 fS)
(3) (6)
THD+N at FS
2 V rms
0.0007
%
Dynamic range
–60 dB, EIAJ, A-weighted
122
dB
Signal-to-noise ratio
EIAJ, A-weighted
122
dB
ANALOG OUTPUT
Gain error
–7
±2
7
% of FSR
Gain mismatch, channel-to-channel
–3
±0.5
3
% of FSR
Bipolar zero error
At BPZ
–2
±0.5
2
% of FSR
Output current
Full-scale (0 dB)
4
mAPP
Center current
At BPZ
–3.5
mA
DIGITAL FILTER PERFORMANCE
De-emphasis error
±0.1
dB
FILTER CHARACTERISTICS–1: SHARP ROLL-OFF
±0.0002 dB
0.454
fS
Passband
–3 dB
0.49
fS
Stop band
0.546
fS
Passband ripple
±0.0002
dB
Stop-band attenuation
Stop band = 0.546 fS
–98
dB
Delay time
38/fS
s
FILTER CHARACTERISTICS–2: SLOW ROLL-OFF
±0.001 dB
0.21
fS
Passband
–3 dB
0.448
fS
Stop band
0.79
fS
Passband ripple
±0.001
dB
Stop-band attenuation
Stop band = 0.732 fS
–80
dB
Delay time
38/fS
s
(3)
Filter condition:
THD+N: 20-Hz high-pass filter (HPF), 20-kHz AES17 low-pass filter (LPF)
Dynamic range: 20-Hz HPF, 20-kHz AES17 LPF, A-weighted
Signal-to-noise ratio: 20-Hz HPF, 20-kHz AES17 LPF, A-weighted
Channel separation: 20-Hz HPF, 20-kHz AES17 LPF
Analog performance specifications are measured using the System Two™ Cascade audio measurement system by Audio Precision™ in
the averaging mode.
(4)
Dynamic performance and dc accuracy are specified at the output of the post-amplifier as shown in Figure 52.
(5)
Dynamic performance and dc accuracy are specified at the output of the measurement circuit as shown in Figure 54.
(6)
Dynamic performance and dc accuracy are specified at the output of the post-amplifier as shown in Figure 53.
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): PCM1795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com