Electronic Components Datasheet Search
  English  ▼

X  

PCM1795DBR Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1795DBR
Description  32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1795DBR Datasheet(HTML) 43 Page - Texas Instruments

Back Button PCM1795DBR Datasheet HTML 39Page - Texas Instruments PCM1795DBR Datasheet HTML 40Page - Texas Instruments PCM1795DBR Datasheet HTML 41Page - Texas Instruments PCM1795DBR Datasheet HTML 42Page - Texas Instruments PCM1795DBR Datasheet HTML 43Page - Texas Instruments PCM1795DBR Datasheet HTML 44Page - Texas Instruments PCM1795DBR Datasheet HTML 45Page - Texas Instruments PCM1795DBR Datasheet HTML 46Page - Texas Instruments PCM1795DBR Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 58 page
background image
APPLICATION FOR DSD FORMAT (DSD MODE) INTERFACE
BitClock
DSDDecoder
DATA
BCK
SCK
ZEROL
5
6
7
1
2
3
4
ZEROR
MSEL
LRCK
PCM1796
DATA_L
DATA_R
Feature
Pin Assignment When Using DSD Format Interface
PCM1795
www.ti.com ........................................................................................................................................................................................................ SLES248 – MAY 2009
Figure 58 shows a connection diagram for DSD mode.
Figure 58. Connection Diagram in DSD Mode
This mode is used for interfacing directly to a DSD decoder, which is found in Super Audio CD™ (SACD)
applications.
The DSD mode is accessed by programming the following bit in the corresponding control register.
• DSD = 1 (register 20)
The DSD mode provides a low-pass filtering function. The filtering is provided using an analog FIR filter structure.
Four FIR responses are available and are selected by the DMF[1:0] bits of control register 18.
The DSD bit must be set before inputting DSD data; otherwise, the PCM1795 erroneously detects the TDMCA
mode and commands are not accepted through the serial control interface.
Several pins are redefined for DSD mode operation. These include:
• DATA (pin 5): DSDL as left-channel DSD data input
• LRCK (pin 4): DSDR as right-channel DSD data input
• SCK (pin 7): DBCK as bit clock for DSD data
• BCK (pin 6): Set low (N/A)
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Link(s): PCM1795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com