Electronic Components Datasheet Search
  English  ▼

X  

PCM1795DBR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1795DBR
Description  32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1795DBR Datasheet(HTML) 16 Page - Texas Instruments

Back Button PCM1795DBR Datasheet HTML 12Page - Texas Instruments PCM1795DBR Datasheet HTML 13Page - Texas Instruments PCM1795DBR Datasheet HTML 14Page - Texas Instruments PCM1795DBR Datasheet HTML 15Page - Texas Instruments PCM1795DBR Datasheet HTML 16Page - Texas Instruments PCM1795DBR Datasheet HTML 17Page - Texas Instruments PCM1795DBR Datasheet HTML 18Page - Texas Instruments PCM1795DBR Datasheet HTML 19Page - Texas Instruments PCM1795DBR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 58 page
background image
0
1
2
3
4
5
6
-
-
-
-
-
-
Frequency(kHz)
0
100
200
50
150
DSDFilter-4
LowBandwidth
0
10
20
30
40
50
60
-
-
-
-
-
-
Frequency(Hz)
0
1M
1.5M
500k
DSDFilter-4
HighBandwidth
f =94kHz
Gain= 3.3dB
C
-
PCM1795
SLES248 – MAY 2009 ........................................................................................................................................................................................................ www.ti.com
TYPICAL CHARACTERISTICS: ANALOG FIR FILTER PERFORMANCE IN DSD MODE (continued)
All specifications at DBCK = 2.8224 MHz (44.1 kHz × 64 fS), and 50% modulation DSD data input, unless otherwise noted.
GAIN vs FREQUENCY
GAIN vs FREQUENCY
Figure 32.
Figure 33.
16
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): PCM1795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com