Electronic Components Datasheet Search
  English  ▼

X  

PCM1795DBR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1795DBR
Description  32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1795DBR Datasheet(HTML) 22 Page - Texas Instruments

Back Button PCM1795DBR Datasheet HTML 18Page - Texas Instruments PCM1795DBR Datasheet HTML 19Page - Texas Instruments PCM1795DBR Datasheet HTML 20Page - Texas Instruments PCM1795DBR Datasheet HTML 21Page - Texas Instruments PCM1795DBR Datasheet HTML 22Page - Texas Instruments PCM1795DBR Datasheet HTML 23Page - Texas Instruments PCM1795DBR Datasheet HTML 24Page - Texas Instruments PCM1795DBR Datasheet HTML 25Page - Texas Instruments PCM1795DBR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 58 page
background image
Register Read/Write Operation
MSB
LSB
RegisterIndex(or Address)
RegisterData
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
D7
D6
D5
D4
D3
D2
D1
D0
HighImpedance
WhenReadModeisInstructed
R/W
A6
MS
MC
MDI
MDO
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
PCM1795
SLES248 – MAY 2009 ........................................................................................................................................................................................................ www.ti.com
All read/write operations for the serial control port use 16-bit data words. Figure 41 shows the control data word
format. The most significant bit (MSB) is the read/write (R/W) bit. For write operations, the R/W bit must be set to
'0'. For read operations, the R/W bit must be set to '1'. There are seven bits, labeled IDX[6:0], that hold the
register index (or address) for the read and write operations. The least significant eight bits, D[7:0], contain the
data to be written to, or the data that was read from, and the register specified by IDX[6:0].
Figure 42 shows the functional timing diagram for writing or reading the serial control port. MS is held at a logic 1
state until a register must be written to or read from. To start the register write or read cycle, MS is set to logic 0.
Sixteen clocks are then provided on MC, corresponding to the 16 bits of the control data word on MDI and
readback data on MDO. After the eighth clock cycle has completed, the data from the indexed-mode control
register appears on MDO during the read operation. After the 16th clock cycle has completed, the data are
latched into the indexed-mode control register during the write operation. To write or read subsequent data, MS
must be set to '1' once.
Figure 41. Control Data Word Format for MDI
NOTE: Bit 15 is used for selection of write or read. Setting R/W = 0 indicates a write, while R/W = 1 indicates a read. Bits 14–8 are used for
the register address. Bits 7–0 are used for register data.
Figure 42. Serial Control Format
22
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): PCM1795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com