Electronic Components Datasheet Search
  English  ▼

X  

TSB41LV04APFP Datasheet(PDF) 13 Page - Texas Instruments

Part # TSB41LV04APFP
Description  IEEE 1394a FOUR-PORT CABLE TRANSCEIVER/ARBITER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41LV04APFP Datasheet(HTML) 13 Page - Texas Instruments

Back Button TSB41LV04APFP Datasheet HTML 9Page - Texas Instruments TSB41LV04APFP Datasheet HTML 10Page - Texas Instruments TSB41LV04APFP Datasheet HTML 11Page - Texas Instruments TSB41LV04APFP Datasheet HTML 12Page - Texas Instruments TSB41LV04APFP Datasheet HTML 13Page - Texas Instruments TSB41LV04APFP Datasheet HTML 14Page - Texas Instruments TSB41LV04APFP Datasheet HTML 15Page - Texas Instruments TSB41LV04APFP Datasheet HTML 16Page - Texas Instruments TSB41LV04APFP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
TSB41LV04A
IEEE 1394a FOUR-PORT CABLE TRANSCEIVER/ARBITER
SLLS379 – OCTOBER 1999
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of operating conditions (unless otherwise
noted) (continued)
device
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
See Note 3
205
IDD
Supply current
See Note 4
151
mA
See Note 5
125
ICC–ULP
Supply current – ultra low power mode
VCC = 3.3 V,
TA = 25°C,
Ports disabled, PD = 0 V,
LPS = 0 V
150
µA
VTH
Power status threshold, CPS input†
400-k
Ω resistor†
4.7
7.5
V
High level output voltage CTL0 CTL1
VDD = 2.7 V,
IOH = –4 mA
2.2
VOH
High-level output voltage, CTL0, CTL1,
D0–D7, DNA, C/LKON, SYSCLK outputs
VDD = 3 V to 3.6 V,
IOH = –4 mA
2.8
V
VOL
Low-level output voltage, CTL0, CTL1,
D0–D7, DNA, C/LKON, SYSCLK outputs
IOL = 4 mA
0.4
V
VOH-AJ
High-level Annex J output voltage, CTL0,
CTL1, D0–D7, DNA, C/LKON, SYSCLK
outputs
Annex J; IOH = –9 mA,
ISO = 0 V,
VDD_5V = VDD,
VDD ≥ 3 V
VDD–0.4
V
VOL-AJ
Low-level Annex J output voltage, CTL0,
CTL1, D0–D7, DNA, C/LKON, SYSCLK
outputs
Annex J; IOL = 9 mA,
ISO = 0 V,
VDD_5V = VDD,
VDD ≥ 3 V
0.4
V
IBH+
Positive peak bus holder current
(D0 – D7, CTL0, CTL1, LREQ)
ISO = 3.6 V, VDD = 3.6 V,
VI 0VtoVDD
0.05
1
mA
IBH–
Negative peak bus holder current
(D0 – D7, CTL0, CTL1, LREQ, LPS, PD)
VI = 0 V to VDD,
VDD_5V = VDD
–1
–0.05
mA
II
Input current, LREQ, LPS, PD, TESTM,
SE, SM, PC0–PC2 inputs
ISO = 0 V, VDD 3.6 V
1
µA
IOZ
Off-state output current, CTL0, CTL1,
D0–D7, C/LKON I/Os
VO= VDD or 0 V
±5
µA
IIRST
Pullup current, RESET input
VI = 1.5 V or 0 V
–90
–20
µA
ISE-PU
Pullup current, SE input
VI = 1.5 V or 0 V
–50
–5
µA
VIT
Positive input threshold voltage, LREQ,
CTL0, CTL1, D0–D7 inputs‡
ISO = 0 V ,VDD_5V = VDD
VDD/2+0.3
VDD/2+0.9
V
VIT+
Positive input threshold voltage, LPS
inputs
ISO = 0 V, VDD_5V = VDD,
Vref = VDD × 0.42
Vref+1
V
VIT
Negative input threshold voltage, LREQ,
CTL0, CTL1, D0–D7 inputs‡
ISO = 0 V,VDD_5V = VDD
VDD/2–0.9
VDD/2–0.3
V
VIT–
Negative input threshold voltage, LPS
inputs
ISO = 0 V, VDD_5V = VDD,
Vref = VDD × 0.42
Vref+0.2
V
VO
TPBIAS output voltage
At rated IO current
1.665
2.015
V
† Measured at cable power side of resistor.
‡ This parameter applicable only when ISO low.
NOTES:
3. Transmit Max Packet (4 ports transmitting maximum size isochronous packets – 4096 bytes, sent on every isochronous internal,
S400, data value of 0xCCC CCCCh), VDD = 3.3 V, TA = 25°C.
4. Repeat Typical Packet (1 port receiving DV packets on every isochronous interval, 3 ports repeating the packet S100),
VDD = 3.3 V, TA = 25°C.
5. Idle (4 ports transmitting cycle starts), VDD = 3.3 V, TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com