Electronic Components Datasheet Search
  English  ▼

X  

TSB41LV04APFP Datasheet(PDF) 2 Page - Texas Instruments

Part # TSB41LV04APFP
Description  IEEE 1394a FOUR-PORT CABLE TRANSCEIVER/ARBITER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41LV04APFP Datasheet(HTML) 2 Page - Texas Instruments

  TSB41LV04APFP Datasheet HTML 1Page - Texas Instruments TSB41LV04APFP Datasheet HTML 2Page - Texas Instruments TSB41LV04APFP Datasheet HTML 3Page - Texas Instruments TSB41LV04APFP Datasheet HTML 4Page - Texas Instruments TSB41LV04APFP Datasheet HTML 5Page - Texas Instruments TSB41LV04APFP Datasheet HTML 6Page - Texas Instruments TSB41LV04APFP Datasheet HTML 7Page - Texas Instruments TSB41LV04APFP Datasheet HTML 8Page - Texas Instruments TSB41LV04APFP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
TSB41LV04A
IEEE 1394a FOUR-PORT CABLE TRANSCEIVER/ARBITER
SLLS379 – OCTOBER 1999
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
The TSB41LV04A requires only an external 24.576 MHz crystal as a reference. An external clock may be
provided instead of a crystal. An internal oscillator drives an internal phase-locked loop (PLL), which generates
the required 393.216 MHz reference signal. This reference signal is internally divided to provide the clock
signals used to control transmission of the outbound encoded strobe and data information. A 49.152 MHz clock
signal is supplied to the associated LLC for synchronization of the two chips and is used for resynchronization
of the received data. The power-down (PD) function, when enabled by asserting the PD terminal high, stops
operation of the PLL.
The TSB41LV04A supports an optional isolation barrier between itself and its LLC. When the ISO input terminal
is tied high, the LLC interface outputs behave normally. When the ISO terminal is tied low, internal differentiating
logic is enabled, and the outputs are driven such that they can be coupled through a capacitive or transformer
galvanic isolation barrier as described in Annex J of IEEE Std 1394-1995 and in the P1394a Supplement
(section 5.9.4) (hereafter referred to as Annex J type isolation). To operate with TI bus holder isolation the ISO
terminal on the PHY must be high.
Data bits to be transmitted through the cable ports are received from the LLC on two, four or eight parallel paths
(depending on the requested transmission speed) and are latched internally in the TSB41LV04A in
synchronization with the 49.152 MHz system clock. These bits are combined serially, encoded, and transmitted
at 98.304, 196.608, or 393.216 Mbits/s (referred to as S100, S200, and S400 speed respectively) as the
outbound data-strobe information stream. During transmission, the encoded data information is transmitted
differentially on the TPB cable pair(s), and the encoded strobe information is transmitted differentially on the
TPA cable pair(s).
During packet reception the TPA and TPB transmitters of the receiving cable port are disabled, and the receivers
for that port are enabled. The encoded data information is received on the TPA cable pair, and the encoded
strobe information is received on the TPB cable pair. The received data-strobe information is decoded to recover
the receive clock signal and the serial data bits. The serial data bits are split into two, four, or eight bit parallel
streams (depending upon the indicated receive speed), resynchronized to the local 49.152 MHz system clock
and sent to the associated LLC. The received data is also transmitted (repeated) on the other active (connected)
cable ports.
Both the TPA and TPB cable interfaces incorporate differential comparators to monitor the line states during
initialization and arbitration. The outputs of these comparators are used by the internal logic to determine the
arbitration status. The TPA channel monitors the incoming cable common-mode voltage. The value of this
common-mode voltage is used during arbitration to set the speed of the next packet transmission. In addition,
the TPB channel monitors the incoming cable common-mode voltage on the TPB pair for the presence of the
remotely supplied twisted-pair bias voltage.
During packet reception the TPA and TPB transmitters of the receiving cable port are disabled, and the receivers
for that port are enabled. The encoded data information is received on the TPA cable pair, and the encoded
strobe information is received on the TPB cable pair. The received data-strobe information is decoded to recover
the receive clock signal and the serial data bits. The serial data bits are split into two, four, or eight bit parallel
streams (depending upon the indicated receive speed), resynchronized to the local 49.152-MHz system clock
and sent to the associated LLC. The received data is also transmitted (repeated) on the other active (connected)
cable ports.
Both the TPA and TPB cable interfaces incorporate differential comparators to monitor the line states during
initialization and arbitration. The outputs of these comparators are used by the internal logic to determine the
arbitration status. The TPA channel monitors the incoming cable common-mode voltage. The value of this
common-mode voltage is used during arbitration to set the speed of the next packet transmission. In addition,
the TPB channel monitors the incoming cable common-mode voltage on the TPB pair for the presence of the
remotely supplied twisted-pair bias voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com