Electronic Components Datasheet Search
  English  ▼

X  

TSB41LV04APFP Datasheet(PDF) 21 Page - Texas Instruments

Part # TSB41LV04APFP
Description  IEEE 1394a FOUR-PORT CABLE TRANSCEIVER/ARBITER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41LV04APFP Datasheet(HTML) 21 Page - Texas Instruments

Back Button TSB41LV04APFP Datasheet HTML 17Page - Texas Instruments TSB41LV04APFP Datasheet HTML 18Page - Texas Instruments TSB41LV04APFP Datasheet HTML 19Page - Texas Instruments TSB41LV04APFP Datasheet HTML 20Page - Texas Instruments TSB41LV04APFP Datasheet HTML 21Page - Texas Instruments TSB41LV04APFP Datasheet HTML 22Page - Texas Instruments TSB41LV04APFP Datasheet HTML 23Page - Texas Instruments TSB41LV04APFP Datasheet HTML 24Page - Texas Instruments TSB41LV04APFP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
TSB41LV04A
IEEE 1394a FOUR-PORT CABLE TRANSCEIVER/ARBITER
SLLS379 – OCTOBER 1999
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
TPAx+
TPAx–
TPBx+
TPBx–
Cable Port
CPS
TPBIASx
56
Ω
56
Ω
56
Ω
56
Ω
5 k
Ω
1
µF
400 k
Ω
220 pF
(see Note A)
TSB41LV04A
Cable
Pair
A
Cable
Pair
B
Outer Shield
Termination
NOTE A: The IEEE Std 1394-1995 calls for a 250 pF capacitor, which is a non-standard component value. A 220 pF capacitor is recommended.
Figure 4. TP Cable Connections
1 M
Ω
0.001
µF
0.01
µF
Outer Cable Shield
Chassis Ground
Figure 5. Typical Compliant DC Isolated Outer Shield Termination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com