Electronic Components Datasheet Search
  English  ▼

X  

TLC59461 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TLC59461
Description  16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC59461 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLC59461 Datasheet HTML 13Page - Texas Instruments TLC59461 Datasheet HTML 14Page - Texas Instruments TLC59461 Datasheet HTML 15Page - Texas Instruments TLC59461 Datasheet HTML 16Page - Texas Instruments TLC59461 Datasheet HTML 17Page - Texas Instruments TLC59461 Datasheet HTML 18Page - Texas Instruments TLC59461 Datasheet HTML 19Page - Texas Instruments TLC59461 Datasheet HTML 20Page - Texas Instruments TLC59461 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
STATUS INFORMATION DATA (SID)
LOD15
MSB
191
LODData
Rese v
r ed
LOD0
TEF
X
X
176
175
174
LSB
0
TEF
MODE
XHALF
XLAT
SIN
SCLK
SOUT
GS15
11
LOD
15
LOD
14
LOD
13
LOD
1
LOD
0
TEF
Not
Valid
Not
Valid
Not
Valid
Not
Valid
GS15
11A
Not
Valid
GS15
11A
GS15
10A
GS15
9A
GS14
9A
GS14
8A
GS14
7A
191
192
1
16
190
192
191
17
19
18
2
15
3
GS14
6A
GS14
5A
GS0
2A
GS0
1A
GS0
0A
GS0
1
GS0
0
LowL v
e el
HighL v
e el
TLC59461
www.ti.com............................................................................................................................................... SLVS896A – NOVEMBER 2008 – REVISED MARCH 2009
Status information data (SID) are 17-bit, read-only data, accessible in the grayscale data input mode (MODE =
GND). Both the LED open detection (LOD) error and the thermal error flag (TEF) are shifted out of the SOUT pin
with each rising edge of SCLK. The 16 LOD bits for each channel and the TEF bit are written into the 17 most
significant bits (MSBs) of the shift register at the rising edge of the first SCLK after XLAT goes high. As a result,
the previous data in the 17 MSBs are lost at the same time. Figure 26 shows the bit assignments, Table 1
describes the SID data definition, and Figure 27 illustrates the read timing for the status information data.
Figure 26. Status Information Data Configuration (XHALF = High)
Table 1. SID Data Definition
DEFINITION
SID DATA
LODn
TEF
0
No LED open error
No thermal error
1
LED is open or shorted to GND
Over temperature
Figure 27. Status Information Data Read Timing (XHALF = High)
The LOD data are updated at the rising edge of the 33rd GSCLK pulse after BLANK goes low; the LOD data are
retained until the next 33rd GSCLK. LOD data are only checked for outputs that are turned on during the rising
edge of the 33rd GSCLK pulse. A '1' in a LOD bit indicates an open LED condition for the corresponding
channel. A '0' indicates normal operation. The GS data should be equal to or higher than 21h (33d) to detect an
open LED in every PWM cycle. When the IC is powered on, LOD data do not show correct values. Therefore,
LOD data must be read at the rising edge of the 33rd GSCLK pulse after BLANK goes low.
The TEF bit indicates that the IC temperature is too high. A '1' in the TEF bit means that the IC temperature
exceeds the detect temperature threshold, TTEF. A '0' in the TEF bit indicates normal operating temperature
conditions.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): TLC59461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com