Electronic Components Datasheet Search
  English  ▼

X  

TLC59461 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLC59461
Description  16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC59461 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLC59461 Datasheet HTML 17Page - Texas Instruments TLC59461 Datasheet HTML 18Page - Texas Instruments TLC59461 Datasheet HTML 19Page - Texas Instruments TLC59461 Datasheet HTML 20Page - Texas Instruments TLC59461 Datasheet HTML 21Page - Texas Instruments TLC59461 Datasheet HTML 22Page - Texas Instruments TLC59461 Datasheet HTML 23Page - Texas Instruments TLC59461 Datasheet HTML 24Page - Texas Instruments TLC59461 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
SERIAL INTERFACE MODE
SCLK AND GSCLK FREQUENCY
f
=4096
f
´
GSCLK
UPDATE
(4)
f
=192
f
´
SCLK
UPDATE
n
´
(5)
¼
SIN
XERR
SCLK
XLAT
MODE
GSCLK
SOUT
VCC
GND
TLC59461
IC1
OUT0
OUT15
XHALF
¼
¼
V
LED
¼
SIN
SCLK
XLAT
BLANK
R
IREF
IREF
SOUT
TLC59461
ICn
OUT0
OUT15
OUT
XERR
SCLK
XLAT
MODE
BLANK
GSCLK
IN
¼
R
IREF
IREF
Controller
6
BLANK
GSCLK
MODE
XERR
VCC
GND
XHALF
V
CC
V
LED
V
LED
V
LED
V
CC
V
CC
TLC59461
www.ti.com............................................................................................................................................... SLVS896A – NOVEMBER 2008 – REVISED MARCH 2009
The serial interface has two input modes defined by the MODE pin, as Table 3 shows. XLAT must be low when
the MODE pin goes high-to-low or low-to-high to change back and forth between GS mode and DC mode.
Table 3. Serial Interface Input Mode
MODE
INPUT MODE
INPUT SHIFT REGISTER
GND
Grayscale PWM data
192 bits
VCC
Dot correction data
96 bits
Figure 31 shows a cascading connection of n TLC59461 devices connected to a single controller, building a
basic module of an LED display system. There is no limitation to the maximum number of ICs that can be
cascaded. However, the maximum number of cascading TLC59461 devices depends on the application system
and is in the range of 40 devices. Equation 4 and Equation 5 show the minimum frequencies for GSCLK and
SCLK.
where:
• f
GSCLK = minimum frequency of GSCLK
• f
SCLK = minimum frequency of SCLK
• f
UPDATE = update rate of entire cascading system
• n = number of cascaded TLC59461 devices
Figure 31. Cascading Device Connections
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TLC59461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com