Electronic Components Datasheet Search
  English  ▼

X  

TLC59461 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TLC59461
Description  16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC59461 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLC59461 Datasheet HTML 14Page - Texas Instruments TLC59461 Datasheet HTML 15Page - Texas Instruments TLC59461 Datasheet HTML 16Page - Texas Instruments TLC59461 Datasheet HTML 17Page - Texas Instruments TLC59461 Datasheet HTML 18Page - Texas Instruments TLC59461 Datasheet HTML 19Page - Texas Instruments TLC59461 Datasheet HTML 20Page - Texas Instruments TLC59461 Datasheet HTML 21Page - Texas Instruments TLC59461 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
ERROR INFORMATION OUTPUT
CONTINUOUS BASE LED OPEN DETECTION (LOD)
TLC59461
SLVS896A – NOVEMBER 2008 – REVISED MARCH 2009............................................................................................................................................... www.ti.com
The TLC59461 has two error detection circuits: LED open detection (LOD) and a thermal error flag (TEF). LOD
detects a broken or disconnected LED during the display period. The TEF indicates an over-temperature
condition. A low-level output of XERR indicates that an LOD error or TEF is detected. XERR pins of more than
two ICs can be connected together and pulled up to VCC with a single resistor because XERR is an open-drain
output; see the SCLK and GSCLK Frequency section. Table 2 shows the XERR truth table. BLANK = H masks
LOD to distinguish between LOD and TEF. When the IC is powered on, XERR does not show correct values.
XERR shows a correct signal when LOD data become valid at the rising edge of the 33rd GSCLK pulse after
BLANK goes low. Also, both the LOD error and the TEF are shifted out of the SOUT pin; see the Status
Information Data (SID) section.
Table 2. XERR Truth Table
CONDITION
ERROR DATA
INPUT
LOD (Internal)
TEF (Internal)
BLANK
XERR
0
0
H
0
1
L
L
1
0
L
1
1
L
0
0
H
0
1
L
H
1
0
H
1
1
L
The LOD function automatically updates LOD data at the rising edge of the 33rd GSCLK pulse after BLANK goes
low; the LOD data are retained until the next 33rd GSCLK. LOD data are only checked for outputs that are
turned on during the rising edge of the 33rd GSCLK pulse. The internal LOD data becomes '1' when the voltage
of the OUTn pin is less than the LED open detection threshold (VLOD = 0.3 V, typical).
To eliminate false detection of open LEDs, the LED driver design must ensure that the TLC59461 output voltage
is greater than VLOD when the outputs are on. The GS data should be greater than or equal to 21h (33d) to
detect LED open in every PWM cycle.
18
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TLC59461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com