Electronic Components Datasheet Search
  English  ▼

X  

TLC59461 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLC59461
Description  16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC59461 Datasheet(HTML) 2 Page - Texas Instruments

  TLC59461 Datasheet HTML 1Page - Texas Instruments TLC59461 Datasheet HTML 2Page - Texas Instruments TLC59461 Datasheet HTML 3Page - Texas Instruments TLC59461 Datasheet HTML 4Page - Texas Instruments TLC59461 Datasheet HTML 5Page - Texas Instruments TLC59461 Datasheet HTML 6Page - Texas Instruments TLC59461 Datasheet HTML 7Page - Texas Instruments TLC59461 Datasheet HTML 8Page - Texas Instruments TLC59461 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
ABSOLUTE MAXIMUM RATINGS
(1) (2)
DISSIPATION RATINGS
TLC59461
SLVS896A – NOVEMBER 2008 – REVISED MARCH 2009............................................................................................................................................... www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
TRANSPORT MEDIA,
PRODUCT
PACKAGE-LEAD
ORDERING NUMBER
QUANTITY
TLC59461PWPR
Tape and Reel, 2000
TLC59461
HTSSOP-28 PowerPAD™
TLC59461PWP
Tube, 50
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
Over operating free-air temperature range, unless otherwise noted.
PARAMETER
TLC59461
UNIT
VCC
Supply voltage: VCC
–0.3 to +6.0
V
OUT0 to OUT15
50
mA
IOUT
Output current (dc)
XERR
6
mA
Input voltage range: SIN, SCLK, GSCLK, XLAT, BLANK, MODE, XHALF,
VIN
–0.3 to VCC + 0.3
V
IREF
SOUT, XERR
–0.3 to VCC + 0.3
V
VOUT
Output voltage range
OUT0 to OUT15
–0.3 to +18
V
TJ(ABS)
Operating temperature range: junction temperature
–40 to +150
°C
TSTG
Storage temperature range
–55 to +150
°C
Human body model (HBM),
2
kV
JEDEC JESD22-A114
ESD rating
Charged device model (CDM),
500
V
JEDEC JESD22-C101
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
(2)
All voltage values are with respect to network ground terminal.
OPERATING FACTOR
TA < +25°C
TA = +70°C
TA = +85°C
PACKAGE
ABOVE TA = +25°C
POWER RATING
POWER RATING
POWER RATING
HTSSOP-28 with
31.67 mW/°C
3958 mW
2533 mW
2058 mW
PowerPAD soldered(1)
HTSSOP-28 with
16.21 mW/°C
2026 mW
1296 mW
1053 mW
PowerPAD not soldered(2)
(1)
With PowerPAD soldered onto copper area on printed circuit board (PCB); 2 oz. copper. For more information, see SLMA002 (available
for download at www.ti.com).
(2)
With PowerPAD not soldered onto copper area on PCB.
2
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TLC59461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com