Electronic Components Datasheet Search
  English  ▼

X  

TUSB3200AC97 Datasheet(PDF) 71 Page - Texas Instruments

Part # TUSB3200AC97
Description  USB Streaming Controller STC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200AC97 Datasheet(HTML) 71 Page - Texas Instruments

Back Button TUSB3200AC97 Datasheet HTML 67Page - Texas Instruments TUSB3200AC97 Datasheet HTML 68Page - Texas Instruments TUSB3200AC97 Datasheet HTML 69Page - Texas Instruments TUSB3200AC97 Datasheet HTML 70Page - Texas Instruments TUSB3200AC97 Datasheet HTML 71Page - Texas Instruments TUSB3200AC97 Datasheet HTML 72Page - Texas Instruments TUSB3200AC97 Datasheet HTML 73Page - Texas Instruments TUSB3200AC97 Datasheet HTML 74Page - Texas Instruments TUSB3200AC97 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 93 page
background image
A–23
A.5.2.6 DMA Channel 2 Control Register (DMATCTL2 – Address FFF4h)
The DMA channel 2 control register is used to store various control bits for DMA channel 2.
Bit
7
6
5
4
3
2
1
0
Mnemonic
DMAEN
WABEN
—
—
EPDIR
EPNUM2
EPNUM1
EPNUM0
Type
R/W
R/W
R
R
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
BIT
MNEMONIC
NAME
DESCRIPTION
7
DMAEN
DMA enable
The DMA enable bit is set to a 1 by the MCU to enable this DMA channel. Before
enabling the DMA channel, all other DMA channel configuration bits should be set to
the desired value.
6
WABEN
Wrap-around buffer enable
The wrap-around buffer enable bit is used by the MCU to enable or disable the
wrap-around buffer operation. The wrap-around buffer operation can only be used
by isochronous out endpoints or isochronous in endpoints that are serviced by the
DMA channels. The wrap-around buffer operation is enabled or disabled separately
for each DMA channel. For a DMA channel, the MCU should set this bit to a 1 to
enable the wrap-around buffer operation and clear this bit to a 0 to disable the
wrap-around buffer operation. Both the DMA channel and UBM logic use this bit to
determine the required functionality.
5
—
Reserved
Reserved for future use
4
—
Reserved
Reserved for future use
3
EPDIR
USB endpoint direction
The USB endpoint direction bit controls the direction of data transfer by this DMA
channel. The MCU should set this bit to a 1 to configure this DMA channel to be used
for a USB in endpoint. The MCU should clear this bit to a 0 to configure this DMA
channel to be used for a USB out endpoint.
2:0
EPNUM(2:0)
USB endpoint number
The USB endpoint number bits are set by the MCU to define the USB endpoint
number supported by this DMA channel. Keep in mind that endpoint 0 is always
used for the control endpoint, which is serviced by the MCU and not a DMA channel.
001b = Endpoint 1,
010b = Endpoint 2,
…,
111b = Endpoint 7
A.5.2.7 DMA Channel 1 Time Slot Assignment Register (Low Byte) (DMATSL1 – Address FFF0h)
The DMA channel 1 time slot assignment register (low byte) contains the eight least significant time slot bits. The time
slot assignment bits are used to define which CODEC port interface time slots are supported by DMA channel 1. The
DMA channel will control the transfer of data between the USB endpoint buffers and the CODEC port interface
registers based on which bits are set. The direction of the data transfer depends on the value of the USB endpoint
direction bit (EPDIR) in the DMA channel 1 control register. The desired time slot bits should be set by the MCU before
the DMA channel is enabled. There are a total of fourteen time slot bits for each DMA channel.
Bit
7
6
5
4
3
2
1
0
Mnemonic
TSL7
TSL6
TSL5
TSL4
TSL3
TSL2
TSL1
TSL0
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
BIT
MNEMONIC
NAME
DESCRIPTION
7:0
TSL(7:0)
Time slot assignment
The DMA time slot assignment bits are set to a 1 by the MCU to define the CODEC
port interface time slots supported by this DMA channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com