Electronic Components Datasheet Search
  English  ▼

X  

TUSB3200AC97 Datasheet(PDF) 12 Page - Texas Instruments

Part # TUSB3200AC97
Description  USB Streaming Controller STC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200AC97 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TUSB3200AC97 Datasheet HTML 8Page - Texas Instruments TUSB3200AC97 Datasheet HTML 9Page - Texas Instruments TUSB3200AC97 Datasheet HTML 10Page - Texas Instruments TUSB3200AC97 Datasheet HTML 11Page - Texas Instruments TUSB3200AC97 Datasheet HTML 12Page - Texas Instruments TUSB3200AC97 Datasheet HTML 13Page - Texas Instruments TUSB3200AC97 Datasheet HTML 14Page - Texas Instruments TUSB3200AC97 Datasheet HTML 15Page - Texas Instruments TUSB3200AC97 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 93 page
background image
1–6
1.6
Terminal Functions – Normal Mode (Continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
MCLKO2
45
O
Master clock output 2:An output that can be used as the master clock for the CODEC port interface and the
CODEC. This clock signal can also be used as a miscellaneous clock. This signal uses a 3.3-V TTL/LVCMOS
output buffer.
MRESET
10
I
Master reset: An active low asynchronous reset for the device that resets all logic to the default state. This
signal uses a 3.3-V TTL/LVCMOS input buffer.
Not Used
22
I
This pin is not used in the normal mode. This signal should be tied to digital ground for normal operation.
P1.0
24
I/O
General-purpose I/O port 1 bit 0: A bidirectional I/O port. This signal uses a 5-V compatible TTL/LVCMOS
input/output buffer with an internal 100
µA active pullup.
P1.1
25
I/O
General-purpose I/O port 1 bit 1: A bidirectional I/O port. This signal uses a 5-V compatible TTL/LVCMOS
input/output buffer with an internal 100
µA active pullup.
P1.2
26
I/O
General-purpose I/O port 1 bit 2: A bidirectional I/O port. This signal uses a 5-V compatible TTL/LVCMOS
input/output buffer with an internal 100
µA active pullup.
P1.3
28
I/O
General-purpose I/O port 1 bit 3: A bidirectional I/O port. This signal uses a 5-V compatible TTL/LVCMOS
input/output buffer with an internal 100
µA active pullup.
P1.4
29
I/O
General-purpose I/O port 1 bit 4: A bidirectional I/O port. This signal uses a 5-V compatible TTL/LVCMOS
input/output buffer with an internal 100
µA active pullup.
P1.5
30
I/O
General-purpose I/O port 1 bit 5: A bidirectional I/O port. This signal uses a 5-V compatible TTL/LVCMOS
input/output buffer with an internal 100
µA active pullup.
P1.6
31
I/O
General-purpose I/O port 1 bit 6: A bidirectional I/O port. This signal uses a 5-V compatible TTL/LVCMOS
input/output buffer with an internal 100
µA active pullup.
P1.7
32
I/O
General-purpose I/O port 1 bit 7: A bidirectional I/O port. This signal uses a 5-V compatible TTL/LVCMOS
input/output buffer with an internal 100
µA active pullup.
P3.0
14
I/O
General-purpose I/O port 3 bit 0: A bidirectional I/O port. This signal uses a 5-V compatible TTL/LVCMOS
input/output buffer with an internal 100
µA active pullup.
P3.1
15
I/O
General-purpose I/O port 3 bit 1: A bidirectional I/O port. This signal uses a 5-V compatible TTL/LVCMOS
input/output buffer with an internal 100
µA active pullup.
P3.3
18
I/O
General-purpose I/O port 3 bit 3: A bidirectional I/O port. This signal uses a 5-V compatible TTL/LVCMOS
input/output buffer with an internal 100
µA active pullup.
P3.4
19
I/O
General-purpose I/O port 3 bit 4: A bidirectional I/O port. This signal uses a 5-V compatible TTL/LVCMOS
input/output buffer with an internal 100
µA active pullup.
P3.5
20
I/O
General-purpose I/O port 3 bit 5: A bidirectional I/O port. This signal uses a 5-V compatible TTL/LVCMOS
input/output buffer with an internal 100
µA active pullup.
PLLFILI
52
I
PLL loop filter input: Input to on-chip PLL from external filter components.
PLLFILO
1
O
PLL loop filter output: Output from on-chip PLL to external filter components.
PLLO
4
O
PLL output: The 48-MHz output of the PLL used for diagnostic purposes only. This signal uses a 3.3-V
TTL/LVCMOS output buffer.
PLLOEN
23
I
PLL output enable: An input used to enable the PLLO output signal. This signal uses a 5-V compatible input
buffer.
PWMO
3
O
PWM output: Output of the pulse width modulation circuit. This signal uses a 3.3-V to 5-V CMOS level shifting
output buffer.
PUR
6
O
USB data signal plus pullup resistor connect: PUR is used to connect the pullup resistor on the DP signal to
3.3-V or a 3-state. When the DP signal is connected to 3.3-V the host PC should detect the connection of the
TUSB3200 device to the universal serial bus. This signal uses a 3.3-V TTL/LVCMOS output buffer.
RSTO
13
O
Reset output: Output that is active while the master reset input or the USB reset is active. This signal uses a
3.3-V TTL/LVCMOS output buffer.
SCL
42
O
I2C interface serial clock: SCL is the clock signal for the I2C serial interface. This signal uses a 3.3-V to 5-V TTL
level shifting open drain output buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com