Electronic Components Datasheet Search
  English  ▼

X  

TUSB3200AC97 Datasheet(PDF) 17 Page - Texas Instruments

Part # TUSB3200AC97
Description  USB Streaming Controller STC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200AC97 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TUSB3200AC97 Datasheet HTML 13Page - Texas Instruments TUSB3200AC97 Datasheet HTML 14Page - Texas Instruments TUSB3200AC97 Datasheet HTML 15Page - Texas Instruments TUSB3200AC97 Datasheet HTML 16Page - Texas Instruments TUSB3200AC97 Datasheet HTML 17Page - Texas Instruments TUSB3200AC97 Datasheet HTML 18Page - Texas Instruments TUSB3200AC97 Datasheet HTML 19Page - Texas Instruments TUSB3200AC97 Datasheet HTML 20Page - Texas Instruments TUSB3200AC97 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 93 page
background image
2–1
2 Description
2.1
Architectural Overview
2.1.1
Oscillator and PLL
Using an external 6-MHz crystal, the TUSB3200 derives the fundamental 48-MHz internal clock signal using an
on-chip oscillator and PLL. Using the PLL output, the other required clock signals are generated by the clock
generator and adaptive clock generator.
2.1.2
Clock Generator and Sequencer Logic
Utilizing the 48-MHz input from the PLL, the clock generator logic generates all internal clock signals, except for the
CODEC port interface master clock (MCLK) and serial clock (CSCLK) signals. The TUSB3200 internal clocks include
the 48-MHz clock, a 24-MHz clock, a 12-MHz clock and a USB clock. The USB clock also has a frequency of 12-MHz.
The USB clock is the same as the 12-MHz clock when the TUSB3200 is transmitting data and is derived from the
data when the TUSB3200 is receiving data. To derive the USB clock when receiving USB data, the TUSB3200 utilizes
an internal digital PLL (DPLL) that uses the 48-MHz clock.
The sequencer logic controls the access to the SRAM used for the USB endpoint configuration blocks and the USB
endpoint buffer space. The SRAM can be accessed by the MCU, USB buffer manager (UBM) or DMA channels. The
sequencer controls the access to the memory using a round robin fixed priority arbitration scheme. This basically
means that the sequencer logic generates grant signals for the MCU, UBM and DMA channels at a predetermined
fixed frequency.
2.1.3
Adaptive Clock Generator (ACG)
The adaptive clock generator is used to generate a master clock output signal (MCLKO) to be used by the CODEC
port interface and the CODEC device. To synchronize the sample rate conversion of data by the CODEC to the USB
frame rate, the MCLKO signal generated by the adaptive clock generator must be used. The synchronization of the
MCLKO signal to the USB frame rate is controlled by the MCU by programming the adaptive clock generator
frequency value. The MCLKO frequency is monitored by the MCU and updated as required. For asynchronous
operation, an external source can be used to generate a master clock input signal (MCLKI) to be used by the CODEC
port interface. In this scenario, the CODEC device should also use the same master clock signal (MCLKI).
2.1.4
USB Transceiver
The TUSB3200 provides an integrated transceiver for the USB port. The transceiver includes a differential output
driver, a differential input receiver and two single ended input buffers. The transceiver connects to the USB DP and
DM signal terminals.
2.1.5
USB Serial Interface Engine (SIE)
The serial interface engine logic manages the USB packet protocol requirements for the packets being received and
transmitted on the USB by the TUSB3200 device. For packets being received, the SIE decodes the packet identifier
field (PID) to determine the type of packet being received and to ensure the PID is valid. For token packets and data
packets being received, the SIE calculates the packet cycle redundancy check (CRC) and compares the value to the
CRC contained in the packet to verify that the packet was not corrupted during transmission. For token packets and
data packets being transmitted, the SIE generates the CRC that is transmitted with the packet. For packets being
transmitted, the SIE also generates the synchronization field (SYNC) that is an eight bit filed at the beginning of each
packet. In addition, the SIE generates the correct PID for all packets being transmitted. Another major function of the
SIE is the overall serial-to-parallel conversion of the data packets being received and the parallel-to-serial conversion
of the data packets being transmitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com