Electronic Components Datasheet Search
  English  ▼

X  

TUSB3200AC97 Datasheet(PDF) 78 Page - Texas Instruments

Part # TUSB3200AC97
Description  USB Streaming Controller STC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200AC97 Datasheet(HTML) 78 Page - Texas Instruments

Back Button TUSB3200AC97 Datasheet HTML 74Page - Texas Instruments TUSB3200AC97 Datasheet HTML 75Page - Texas Instruments TUSB3200AC97 Datasheet HTML 76Page - Texas Instruments TUSB3200AC97 Datasheet HTML 77Page - Texas Instruments TUSB3200AC97 Datasheet HTML 78Page - Texas Instruments TUSB3200AC97 Datasheet HTML 79Page - Texas Instruments TUSB3200AC97 Datasheet HTML 80Page - Texas Instruments TUSB3200AC97 Datasheet HTML 81Page - Texas Instruments TUSB3200AC97 Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 93 page
background image
A–30
A.5.4.2 CODEC Port Interface Configuration Register 2 (CPTCNF2 – Address FFDFh)
The CODEC port interface configuration register 2 is used to store various control bits for the CODEC port interface
operation.
Bit
7
6
5
4
3
2
1
0
Mnemonic
TSL0L1
TSL0L0
BPTSL2
BPTSL1
BPTSL0
TSLL2
TSLL1
TSLL0
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
BIT
MNEMONIC
NAME
DESCRIPTION
7:6
TSL0L(1:0)
Time slot 0 length
The time slot 0 Length bits are set by the MCU to program the number of serial clock
(CSCLK) cycles for time slot 0.
00b = CSCLK cycles for time slot 0 same as other time slots
01b = 8 CSCLK cycles for time slot 0
10b = 16 CSCLK cycles for time slot 0
11b = 32 CSCLK cycles for time slot 0
5:3
BPTSL(2:0)
Data bits per time slot
The data bits per time slot bits are set by the MCU to program the number of data bits
per audio time slot. Note that this value in not used for the secondary communication
address and data time slots.
000b = 8 data bits per time slot
001b = 16 data bits per time slot
010b = 18 data bits per time slot
011b = 20 data bits per time slot
100b = 24 data bits per time slot
101b = 32 data bits per time slot
110b = reserved
111b = reserved
2:0
TSLL(2:0)
Time slot length
The time slot length bits are set by the MCU to program the number of serial clock
(CSCLK) cycles for all time slots except time slot 0.
000b = 8 CSCLK cycles per time slot
001b = 16 CSCLK cycles per time slot
010b = 18 CSCLK cycles per time slot
011b = 20 CSCLK cycles per time slot
100b = 24 CSCLK cycles per time slot
101b = 32 CSCLK cycles per time slot
110b = reserved
111b = reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com